Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT88SC0104C Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT88SC0104C
Description  CryptoMemory 1 Kbit
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88SC0104C Datasheet(HTML) 2 Page - ATMEL Corporation

  AT88SC0104C Datasheet HTML 1Page - ATMEL Corporation AT88SC0104C Datasheet HTML 2Page - ATMEL Corporation AT88SC0104C Datasheet HTML 3Page - ATMEL Corporation AT88SC0104C Datasheet HTML 4Page - ATMEL Corporation AT88SC0104C Datasheet HTML 5Page - ATMEL Corporation AT88SC0104C Datasheet HTML 6Page - ATMEL Corporation AT88SC0104C Datasheet HTML 7Page - ATMEL Corporation AT88SC0104C Datasheet HTML 8Page - ATMEL Corporation AT88SC0104C Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
AT88SC0104C
2021GS–SMEM–7/06
Description
The AT88SC0104C member of the CryptoMemory® family is a high-performance secure
memory providing 1 Kbit of user memory with advanced security and cryptographic fea-
tures built in. The user memory is divided into four 32-byte zones, each of which may be
individually set with different security access rights or combined together to provide
space for 1 to 4 data files.
Smart Card Applications
The AT88SC0104C provides high security, low cost, and ease of implementation with-
out the need for a microprocessor operating system. The embedded cryptographic
engine provides for dynamic, symmetric-mutual authentication between the device and
host, as well as performing stream encryption for all data and passwords exchanged
between the device and host. Up to four unique key sets may be used for these opera-
tions. The AT88SC0104C offers the ability to communicate with virtually any smart card
reader using the asynchronous T = 0 protocol (Gemplus Patent) defined in ISO 7816-3.
Embedded Applications
Through dynamic, symmetric-mutual authentication, data encryption, and the use of
encrypted checksums, the AT88SC0104C provides a secure place for storage of sensi-
tive information within a system. With its tamper detection circuits, this information
remains safe even under attack. A 2-wire serial interface running at 1.5 MHz is used for
fast and efficient communications with up to 15 devices that may be individually
addressed. The AT88SC0104C is available in industry standard 8-lead packages with
the same familiar pinout as 2-wire serial EEPROMs.
Figure 1. Block Diagram
Pin Descriptions
Supply Voltage (V
CC)
The V
CC input is a 2.7V to 5.5V positive voltage supplied by the host.
Clock (SCL/CLK)
In the asynchronous T = 0 protocol, the SCL/CLK input is used to provide the device
with a carrier frequency f. The nominal length of one bit emitted on I/O is defined as an
“elementary time unit” (ETU) and is equal to 372/f. When the synchronous protocol is
used, the SCL/CLK input is used to positive edge clock data into the device and nega-
tive edge clock data out of the device.
Reset (RST)
The AT88SC0104C provides an ISO 7816-3 compliant asynchronous answer to reset
sequence. When the reset sequence is activated, the device will output the data pro-
Random
Generator
Authentication,
Encryption and
Certification Unit
EEPROM
Answer to Reset
Data Transfer
Password
Verification
Reset Block
Asynchronous
ISO Interface
Synchronous
Interface
Power
Management
VCC
GND
SCL/CLK
SDA/IO
RST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com