Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM25085ASDX/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM25085ASDX/NOPB
Description  42V Constant On-Time PFET Buck Switching Controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM25085ASDX/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LM25085ASDX/NOPB Datasheet HTML 1Page - Texas Instruments LM25085ASDX/NOPB Datasheet HTML 2Page - Texas Instruments LM25085ASDX/NOPB Datasheet HTML 3Page - Texas Instruments LM25085ASDX/NOPB Datasheet HTML 4Page - Texas Instruments LM25085ASDX/NOPB Datasheet HTML 5Page - Texas Instruments LM25085ASDX/NOPB Datasheet HTML 6Page - Texas Instruments LM25085ASDX/NOPB Datasheet HTML 7Page - Texas Instruments LM25085ASDX/NOPB Datasheet HTML 8Page - Texas Instruments LM25085ASDX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
LM25085A
SNVS601B – JANUARY 2009 – REVISED MARCH 2013
www.ti.com
Electrical Characteristics (continued)
Limits in standard type are for TJ = 25°C only; limits in boldface type apply over the junction temperature (TJ) range of -40°C
to +125°C. Minimum and Maximum limits are specified through test, design, or statistical correlation. Typical values represent
the most likely parametric norm at TJ = 25°C, and are provided for reference purposes only. Unless otherwise stated the
following conditions apply: VIN = 24V, RT = 100 kΩ.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
RT Pin
RTSD
Shutdown threshold
RT Pin voltage rising
0.73
V
RTHYS
Shutdown threshold hysteresis
50
mV
On-Time
tON – 1
On-time
VIN = 4.5V, RT = 100 kΩ
3.5
5
7.15
µs
tON – 2
VIN = 24V, RT = 100 kΩ
560
720
870
ns
tON - 3
VIN = 42V, RT = 100 kΩ
329
415
500
ns
tON - 4
Minimum on-time in current limit (3)
VIN = 24V, 25 mV overdrive at ISEN
55
140
235
ns
Off-Time
tOFF(CL1)
Off-time (current limit) (3)
VIN = 12V, VFB = 0V
5.56
8
10.96
µs
tOFF(CL2)
VIN = 12V, VFB = 0.75V
2.59
3.7
5.16
µs
tOFF(CL3)
VIN = 24V, VFB = 0V
9.03
13.2
18.1
µs
tOFF(CL4)
VIN = 24V, VFB = 0.75V
4.29
6
8.54
µs
Regulation and Over-Voltage Comparators (FB Pin)
VREF
FB regulation threshold
0.882
0.9
0.918
V
VOV
FB over-voltage threshold
Measured with respect to VREF
350
mV
IFB
FB bias current
10
nA
Soft-Start Function
tSS
Soft-start time
1.16
1.8
3.15
ms
Thermal Shutdown
TSD
Junction shutdown temperature
Junction temperature rising
170
°C
THYS
Junction shutdown hysteresis
20
°C
Thermal Resistance(4)
θJA
Junction to ambient, 0 LFPM air
VSSOP-8 package
126
°C/W
flow (5)
HVSSOP-PowerPAD-8 package
46
WSON-8 package
54
θJC
Junction to case, 0 LFPM air flow
VSSOP-8 package
29
°C/W
(5)
HVSSOP-PowerPAD-8 package
5.5
WSON-8 package
9.1
(3)
The tolerance of the minimum on-time (tON-4) and the current limit off-times (tOFF(CL1) through (tOFF(CL4)) track each other over process
and temperature variations. A device which has an on-time at the high end of the range will have an off-time that is at the high end of its
range.
(4)
For detailed information on soldering plastic VSSOP and WSON packages visit www.ti.com/packaging.
(5)
Tested on a 4 layer JEDEC board. Four vias provided under the exposed pad. See JEDEC standards JESD51-5 and JESD51-7.
4
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM25085A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com