Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM25085ASDX/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM25085ASDX/NOPB
Description  42V Constant On-Time PFET Buck Switching Controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM25085ASDX/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LM25085ASDX/NOPB Datasheet HTML 1Page - Texas Instruments LM25085ASDX/NOPB Datasheet HTML 2Page - Texas Instruments LM25085ASDX/NOPB Datasheet HTML 3Page - Texas Instruments LM25085ASDX/NOPB Datasheet HTML 4Page - Texas Instruments LM25085ASDX/NOPB Datasheet HTML 5Page - Texas Instruments LM25085ASDX/NOPB Datasheet HTML 6Page - Texas Instruments LM25085ASDX/NOPB Datasheet HTML 7Page - Texas Instruments LM25085ASDX/NOPB Datasheet HTML 8Page - Texas Instruments LM25085ASDX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
LM25085A
www.ti.com
SNVS601B – JANUARY 2009 – REVISED MARCH 2013
Typical Performance Characteristics
Unless otherwise specified the following conditions apply: TJ = 25°C, VIN = 24V.
Input Operating Current
vs.
Efficiency (Circuit of Figure 28)
VIN
Figure 4.
Figure 5.
Shutdown Current
VCC
vs.
vs.
VIN
VIN
Figure 6.
Figure 7.
VCC
On-Time
vs.
vs.
ICC
RT and VIN
Figure 8.
Figure 9.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM25085A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com