Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8993 Datasheet(PDF) 7 Page - Wolfson Microelectronics plc

Part # WM8993
Description  Audio Hub CODEC for Multimedia Phones
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8993 Datasheet(HTML) 7 Page - Wolfson Microelectronics plc

Back Button WM8993 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 11Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 229 page
background image
Production Data
WM8993
w
PD, November 2010, Rev 4.0
7
PIN DESCRIPTION
PIN NO
NAME
TYPE
DESCRIPTION
A5
MICBIAS1
Analogue Output
Microphone bias
B5
MICBIAS2
Analogue Output
Microphone bias
C5
IN1LN
Analogue Input
Left channel single-ended MIC input /
Left channel negative differential MIC input
D5
IN1LP
Analogue Input
Left channel line input /
Left channel positive differential MIC input
B6
IN2LN/GI7
Analogue Input /
Digital Input
Left channel line input /
Left channel negative differential MIC input /
B7
IN2LP/VRXN
Analogue Input
Left channel line input /
Left channel positive differential MIC input /
Mono differential negative input (RXVOICE -)
C3
IN1RN
Analogue Input
Right channel single-ended MIC input /
Right channel negative differential MIC input
C4
IN1RP
Analogue Input
Right channel line input /
Right channel positive differential MIC input
A6
IN2RN/GI8
Analogue Input /
Digital Input
Right channel line input /
Right channel negative differential MIC input /
A7
IN2RP/VRXP
Analogue Input
Left channel line input /
Left channel positive differential MIC input /
Mono differential positive input (RXVOICE +)
E2
DCVDD
Supply
Digital core supply
D2
DGND
Supply
Digital ground (Return path for both DCVDD and DBVDD)
E1
DBVDD
Supply
Digital buffer (I/O) supply
E6
AVDD1
Supply
Analogue core supply
C7
AVDD2
Supply
Analogue class D and FLL supply
D7
AGND
Supply
Analogue ground (Return path for AVDD1)
F7
CPVDD
Supply
Charge pump supply
G7
CPGND
Supply
Charge pump ground (Return path for CPVDD)
C2
SPKVDD
Supply
Supply for speaker driver
D1
SPKGND
Supply
Ground for speaker driver (Return path from SPKVDD)
F5
CPVOUTP
Analogue Output
Charge pump positive supply decoupling pin (HPOUT1L, HPOUT1R)
G5
CPVOUTN
Analogue Output
Charge pump negative supply decoupling pin (HPOUT1L, HPOUT1R)
F6
CPFB1
Analogue Output
Charge pump flyback capacitor pin
G6
CPFB2
Analogue Output
Charge pump flyback capacitor pin
F2
MCLK
Digital Input
Master clock
G2
BCLK
Digital Input / Output
Audio interface bit clock
G1
LRCLK
Digital Input / Output
Audio interface left / right clock
E5
DACDAT
Digital Input
DAC digital audio data
E4
ADCDAT
Digital Output
ADC digital audio data
F1
SCLK
Digital Input
Control interface clock input
F3
SDAT
Digital Input / Output
Control interface data input and output / 2-wire acknowledge output
A1
SPKOUTLP
Analogue Output
Left speaker positive output
B1
SPKOUTLN
Analogue Output
Left speaker negative output
C1
SPKOUTRP
Analogue Output
Right speaker positive output
B2
SPKOUTRN
Analogue Output
Right speaker negative output
E3
SPKMONO
Digital Input
2W Mono/1W Stereo speaker select
G3
HPOUT1L
Analogue Output
Left headphone output
F4
HPOUT1R
Analogue Output
Right headphone output
G4
HPOUT1FB
Analogue Input
HPOUT1L and HPOUT1R ground loop noise rejection feedback
D6
HPOUT2P
Analogue Output
Earpiece speaker non-inverted output
E7
HPOUT2N
Analogue Output
Earpiece speaker inverted output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com