Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8993 Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM8993
Description  Audio Hub CODEC for Multimedia Phones
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8993 Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM8993 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 229 page
background image
w
WM8993
Audio Hub CODEC for Multimedia Phones
WOLFSON MICROELECTRONICS plc
To receive regular email updates, sign up at http://www.wolfsonmicro.com/enews
Production Data, November 2010, Rev 4.0
Copyright
©2010 Wolfson Microelectronics plc
DESCRIPTION
The WM8993 is a highly integrated ultra-low power hi-fi CODEC
designed for portable devices such as multimedia phones.
A stereo 1W/channel speaker driver can operate in class D or
AB mode. Low leakage and high PSRR across the audio band
enable direct battery connection for the speaker supply.
Class W headphone drivers provide a dramatic reduction in
playback power and are ground-referenced. Active ground loop
noise rejection and DC offset correction help prevent pop noise
and ground noise from degrading headphone output quality.
Powerful mixing capability allows the device to support a huge
range of architectures and use cases. A highly flexible input
configuration supports multiple microphone or line inputs (mono
or stereo, single-ended or differential).
Fully differential internal architecture and on-chip RF noise
filters ensure a very high degree of noise immunity.
ReTuneTM Mobile parametric EQ with fully programmable
coefficients
is
integrated
for
optimization
of
speaker
characteristics. Programmable dynamic range control is also
available for maximizing loudness, protecting speakers from
clipping and preventing premature shutdown due to battery
droop.
The WM8993 is supplied in very small and thin 48-ball W-CSP
package, ideal for portable systems.
FEATURES
100dB SNR during DAC playback (‘A’ weighted)
Low power, low noise MIC interface
Class D or AB stereo speaker driver
-
Stereo1W into 8
Ω BTL speaker at <1% THD
-
Mono 2W into 4
Ω BTL speaker
ReTuneTM Mobile parametric equalizer
Dynamic range controller
Low power Class W headphone drivers
-
Integrated charge pump and DC offset correction
-
5mW total power for DAC playback to headphones
Digital audio interface
-
All standard data formats and 2-channel TDM supported
-
All standard sample rates from 8kHz to 48kHz
Low power FLL
-
Provides all necessary internal clocks
-
32kHz to 27MHz input frequency
-
Free-running mode for class D and charge pump
4 highly flexible line outputs (single-ended or differential )
Dedicated earpiece driver
“Direct voice” and “Direct DAC” paths to outputs
-
Low noise paths bypass all internal mixers
-
Low power consumption
Active noise reduction
-
DC offset correction removes pops and clicks
-
Ground loop noise cancellation
48-ball W-CSP package (3.64x3.54x0.7mm, 0.5mm pitch)
APPLICATIONS
Multimedia phones


Similar Part No. - WM8993

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8991 WOLFSON-WM8991 Datasheet
2Mb / 174P
Mobile Multimedia CODEC with Dual-Mode Class AB/D Speaker Driver
WM8994 WOLFSON-WM8994 Datasheet
3Mb / 359P
Multi-Channel Audio Hub CODEC for Smartphones
logo
Cirrus Logic
WM8994 CIRRUS-WM8994 Datasheet
11Mb / 363P
Multi-channel Audio Hub CODEC for Smartphones
Rev 4.6 JUL 18
WM8994ECS/R CIRRUS-WM8994ECS/R Datasheet
11Mb / 363P
Multi-channel Audio Hub CODEC for Smartphones
Rev 4.6 JUL 18
logo
Wolfson Microelectronic...
WM8998 WOLFSON-WM8998 Datasheet
4Mb / 307P
High Performance Audio Hub CODEC
More results

Similar Description - WM8993

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4215 CIRRUS-CS4215 Datasheet
878Kb / 52P
16-Bit Multimedia Audio Codec
logo
Hynix Semiconductor
STAC9704 HYNIX-STAC9704 Datasheet
218Kb / 49P
Multimedia Audio Codec for AC97
logo
List of Unclassifed Man...
CS4231A ETC-CS4231A Datasheet
2Mb / 76P
PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
logo
Wolfson Microelectronic...
WM1811A WOLFSON-WM1811A Datasheet
3Mb / 328P
Multi-Channel Audio Hub CODEC for Smartphones
WM8958 WOLFSON-WM8958 Datasheet
4Mb / 377P
Multi-Channel Audio Hub CODEC for Smartphones
WM8994 WOLFSON-WM8994 Datasheet
3Mb / 359P
Multi-Channel Audio Hub CODEC for Smartphones
WM8998 WOLFSON-WM8998 Datasheet
4Mb / 307P
High Performance Audio Hub CODEC
logo
Realtek Semiconductor C...
ALC5642 REALTEK-ALC5642 Datasheet
1Mb / 156P
Multi-Channel Audio Hub/CODEC
ALC5624 REALTEK-ALC5624 Datasheet
1Mb / 78P
HAND-HELD MULTIMEDIA I2S AUDIO CODEC
ALC5624-GR REALTEK-ALC5624-GR Datasheet
1Mb / 73P
HAND-HELD MULTIMEDIA I2S AUDIO CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com