Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DP83953 Datasheet(PDF) 74 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83953
Description  Repeater Interface Controller with Security Features, Internal Drivers and Integrated Filters
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83953 Datasheet(HTML) 74 Page - National Semiconductor (TI)

Back Button DP83953 Datasheet HTML 70Page - National Semiconductor (TI) DP83953 Datasheet HTML 71Page - National Semiconductor (TI) DP83953 Datasheet HTML 72Page - National Semiconductor (TI) DP83953 Datasheet HTML 73Page - National Semiconductor (TI) DP83953 Datasheet HTML 74Page - National Semiconductor (TI) DP83953 Datasheet HTML 75Page - National Semiconductor (TI) DP83953 Datasheet HTML 76Page - National Semiconductor (TI) DP83953 Datasheet HTML 77Page - National Semiconductor (TI) DP83953 Datasheet HTML 78Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 90 page
background image
74
www.national.com
7.0 RIC2A Registers (Continued)
CAM Location Mask Register (CLMR) (Pages 9H, AH, BH, CH, DH, EH, FH)
Each shared CAM has a CLMR, therefore there are 32 CLMRs. Any of the 32 CAMs can be shared among the ports. For
example, multiple ports can share a single ethernet address, or multiple addresses can be associated with a single port.
Assigning CAMs to ports, or vice-versa, is done through these registers.
CLMR Lo Byte Location
CLMR Hi Byte Location
D7
D6
D5
D4
D3
D2
D1
D0
P8
P7
P6
P5
P4
P3
P2
P1
Bit
R/W
Symbol
Description
D0
R/W
P1
0: CAM entry does not belong to port 1
1: CAM entry belongs to port 1
D1
R/W
P2
0: CAM entry does not belong to port 2
1: CAM entry belongs to port 2
D2
R/W
P3
0: CAM entry does not belong to port 3
1: CAM entry belongs to port 3
D3
R/W
P4
0: CAM entry does not belong to port 4
1: CAM entry belongs to port 4
D4
R/W
P5
0: CAM entry does not belong to port 5
1: CAM entry belongs to port 5
D5
R/W
P6
0: CAM entry does not belong to port 6
1: CAM entry belongs to port 6
D6
R/W
P7
0: CAM entry does not belong to port 7
1: CAM entry belongs to port 7
D7
R/W
P8
0: CAM entry does not belong to port 8
1: CAM entry belongs to port 8
D7
D6
D5
D4
D3
D2
D1
D0
PTR2
PTR1
PTR0
P13
P12
P11
P10
P9
Bit
R/W
Symbol
Description
D0
R/W
P9
0: CAM entry does not belong to port 9
1: CAM entry belongs to port 9
D1
R/W
P10
0: CAM entry does not belong to port 10
1: CAM entry belongs to port 10
D2
R/W
P11
0: CAM entry does not belong to port 11
1: CAM entry belongs to port 11
D3
R/W
P12
0: CAM entry does not belong to port 12
1: CAM entry belongs to port 12
D4
R/W
P13
0: CAM entry does not belong to port 13
1: CAM entry belongs to port 13
D5
R
PTR0
D0 of the pointer into the CAM location
D6
R
PTR1
D1 of the pointer into the CAM location
D7
R
PTR2
D2 of the pointer into the CAM location



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com