Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DP83953 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83953
Description  Repeater Interface Controller with Security Features, Internal Drivers and Integrated Filters
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83953 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button DP83953 Datasheet HTML 8Page - National Semiconductor (TI) DP83953 Datasheet HTML 9Page - National Semiconductor (TI) DP83953 Datasheet HTML 10Page - National Semiconductor (TI) DP83953 Datasheet HTML 11Page - National Semiconductor (TI) DP83953 Datasheet HTML 12Page - National Semiconductor (TI) DP83953 Datasheet HTML 13Page - National Semiconductor (TI) DP83953 Datasheet HTML 14Page - National Semiconductor (TI) DP83953 Datasheet HTML 15Page - National Semiconductor (TI) DP83953 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 90 page
background image
12
www.national.com
4.0 Functional Description
The IEEE 802.3 repeater specification delineates the func-
tional criteria that all compliant repeater systems must
adhere to. An implementation of these requirements
strongly suggest a multiport modular design style. In such
a design, functionality is split between those tasks common
to all data channels and those exclusive to each individual
channel. The RIC2A follows this approach. Certain func-
tional blocks are replicated for each network attachment,
(also known as a repeater port), and others are shared.
The following subsections provide an overview of the
RIC2A architecture. First, RIC2A feature enhancements
from the RIC II is discussed. Then, the RIC2A functional
blocks are described.
4.1 Summary of DP83953 RIC2A Feature En-
hancements from DP83952 RIC II
1. The DP83953 RIC2A integrates transmit filters and driv-
ers on a per port basis. These additional features allow
a system developer to add little more than external isola-
tion transformers in order to build fully secured/managed
hub products.
2. The functionality of the DP83953 is essentially similar to
DP83952, but some of the pin definitions have been
modified to reflect the new integrated drivers and trans-
mit filters. Therefore, the RIC2A is
not a drop in replace-
ment for the RICII. Additionally, power and ground pin
locations have been rearranged to accommodate addi-
tional pins.
3. Integrated network port drivers provide controlled rise
and fall time output signals. These port drivers will facili-
tate EMI compliance without procuring additional com-
ponents.
4. Compared to DP83952, the DP83953 requires additional
current drive. The additional current is required to imple-
ment the new integrated drivers and transmit filters.
4.2 Overview Of RIC2A Functions
Segment Specific Block: Network Port
As shown in the block diagram, the segment specific blocks
consist of
A logic section and a physical layer interface section.
The logic block is required for performing repeater oper-
ations upon that particular segment. It is known as the
“port” logic since it is the access “port” the segment has
to the rest of the network.
This function is repeated 13 times in the RIC2A (one for
each port) and is shown on the right side of the block dia-
gram, Figure 1.
The physical layer interface depends upon the port. Port 1
has an AUI compliant interface for use with AUI compatible
transceiver boxes and cable. Ports 2 to 13 are twisted pair
ports.
The four distinct functions inside the port logic block are:
1. The Port State Machine "PSM" performs data and colli-
sion repetition as described by the IEEE repeater speci-
fication. For example, it may determine if this port should
be receiving from or transmitting to a particular network
segment.
2. The Port Partition Logic implements the segment parti-
tioning algorithm. This algorithm is defined by the IEEE
specification and is used to protect the network from mal-
functioning segments.
3. The Port Status Register reflects the current status of the
port. The system processor may access this register to
obtain port status information or to configure certain port
options, such as port disable.
4. The Port security configuration logic determines if the
transmitted or received packet will contain intact or pseu-
do random data. This logic consists of two dedicated
CAM locations per port for learning, storing, and compar-
ing port source addresses.
Shared Functional Blocks: Repeater Core Logic
The shared functional blocks consists of the repeater Main
State Machine (MSM), Timers, a 32 bit Elasticity Buffer,
PLL Decoder, Receive and Transmit Multiplexors, and
Security Logic with 32 shareable CAM locations. These
blocks perform the majority of the operations needed to ful-
fill the requirements of the IEEE repeater specification.
When a packet is received by a port it is then sent via the
Receive Multiplexor to the PLL Decoder. Notification of the
data and collision status is sent to the MSM through the
receive multiplexor and collision activity status signals. This
enables the MSM to determine the source and type of data
to be transmitted and eventually repeated to all ports. This
information may be valid data or the jam pattern.
According to the IEEE repeater specifications, after a colli-
sion has been determined, the transmit data will be
replaced with a jam pattern consisting of a alternating ones
and zeros. (e.g. 1010...) for at least 96 bit times. If a colli-
sion occurs during the preamble, the address field, the type
field, or the data field the RIC2A will immediately switch to
the jam pattern to be transmitted to all ports.
If the RIC2A is configured for the "non-secure" mode, the
valid received data is transmitted to all of the other ports,
except the port which is receiving the packet.
If the RIC2A is configured for the "secure" mode, the
source and destination addresses within each packet are
first checked against the addresses of the local and shared
CAMs assigned to the port. Based on this comparison, and
the port configuration will be either:
1. A pseudo random bit pattern may be generated in the
data field of the designated “secure” packet and then
transmitted to their respective port(s). Or,
2. The received data may be transmitted intact.
The data always remains intact on the Inter-RIC bus (IRB
to be described later) to allow any cascaded repeaters to
compare all destination addresses with their local CAMs. In



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com