Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PARTNUMBER02 Datasheet(PDF) 25 Page - Texas Instruments

Part # PARTNUMBER02
Description  3.3-V ABT SCAN TEST DEVICE WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PARTNUMBER02 Datasheet(HTML) 25 Page - Texas Instruments

Back Button PARTNUMBER02 Datasheet HTML 21Page - Texas Instruments PARTNUMBER02 Datasheet HTML 22Page - Texas Instruments PARTNUMBER02 Datasheet HTML 23Page - Texas Instruments PARTNUMBER02 Datasheet HTML 24Page - Texas Instruments PARTNUMBER02 Datasheet HTML 25Page - Texas Instruments PARTNUMBER02 Datasheet HTML 26Page - Texas Instruments PARTNUMBER02 Datasheet HTML 27Page - Texas Instruments PARTNUMBER02 Datasheet HTML 28Page - Texas Instruments PARTNUMBER02 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 31 page
background image
SN54LVT18502
3.3-V ABT SCAN TEST DEVICE
WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SCBS669 – JULY 1996
25
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
VCC = 2.7 V,
II = –18 mA
–1.2
V
VCC = MIN to MAX‡,
IOH = –100 µA
VCC–0.2
VOH
VCC = 2.7 V,
IOH = –3 mA
2.4
V
VOH
VCC =3V
IOH = –8 mA
2.4
V
VCC = 3 V
IOH = –24 mA
2
VCC =2 7V
IOL = 100 µA
0.2
VCC = 2.7 V
IOL = 24 mA
0.5
VOL
IOL = 16 mA
0.4
V
VCC = 3 V
IOL = 32 mA
0.5
IOL = 48 mA
0.55
CLK LE TCK
VCC = 3.6 V,
VI = VCC or GND
±1
CLK, LE, TCK
VCC = 0 or MAX‡,
VI = 5.5 V
10
VI = 5.5 V
50
II
OE, TDI, TMS
VCC = 3.6 V
VI = VCC
1
µA
II
VI = 0
–25
–100
µA
§
VI = 5.5 V
20
A or B ports§
VCC = 3.6 V
VI = VCC
1
VI = 0
–5
II(h ld)¶
AorB ports
VCC =3V
VI = 0.8 V
75
500
µA
II(hold)¶
A or B ports
VCC = 3 V
VI = 2 V
–75
–500
µA
IOZH
TDO
VCC = 3.6 V,
VO = 3 V
50
µA
IOZL
TDO
VCC = 3.6 V,
VO = 0.5 V
–50
µA
IOZPU
TDO
VCC = 0 to 1.5 V,
VO = 0.5 V or 3 V
±50
µA
IOZPD
TDO
VCC = 1.5 V to 0,
VO = 0.5 V or 3 V
±50
µA
VCC = 3.6 V,
Outputs high
0.7
3
ICC
VCC = 3.6 V,
IO = 0,
Outputs low
21
30
mA
VI = VCC or GND
Outputs disabled
0.7
3
∆ICC#
VCC = 3 V to 3.6 V, One input at VCC – 0.6 V,
Other inputs at VCC or GND
0.2
mA
Ci
VI = 3 V or 0
4
pF
Cio
VO = 3 V or 0
11
pF
Co
VO = 3 V or 0
8
pF
† All typical values are at VCC = 3.3 V, TA = 25°C.
‡ For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
§ Unused pins at VCC or GND
¶ The parameter II(hold) includes the off-state output leakage current.
# This is the increase in supply current for each input that is at the specified TTL voltage level rather than VCC or GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com