Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM3208TL/NOPB Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LM3208TL/NOPB
Description  650mA Miniature, Adjustable, Step-Down DC-DC Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3208TL/NOPB Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM3208TL/NOPB Datasheet HTML 13Page - Texas Instruments LM3208TL/NOPB Datasheet HTML 14Page - Texas Instruments LM3208TL/NOPB Datasheet HTML 15Page - Texas Instruments LM3208TL/NOPB Datasheet HTML 16Page - Texas Instruments LM3208TL/NOPB Datasheet HTML 17Page - Texas Instruments LM3208TL/NOPB Datasheet HTML 18Page - Texas Instruments LM3208TL/NOPB Datasheet HTML 19Page - Texas Instruments LM3208TL/NOPB Datasheet HTML 20Page - Texas Instruments LM3208TL/NOPB Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
FB
EN
VDD
PVIN
VCON
SW
VIN
2.7V to 5.5V
VOUT
10 PF
4.7 PF
SGND
PGND
3.3 PH
C1
C2
L1
E
C
i
i
Fosc = 2 MHz
+
+
-
-
LM3208
www.ti.com
SNVS404B – APRIL 2006 – REVISED MARCH 2013
The 8-Bump package used for LM3208 has 300micron solder balls and requires 10.82mil pads for mounting on
the circuit board. The trace to each pad should enter the pad with a 90°entry angle to prevent debris from being
caught in deep corners. Initially, the trace to each pad should be 7mil wide, for a section approximately 7mil long,
as a thermal relief. Then each trace should neck up or down to its optimal width. The important criterion is
symmetry. This ensures the solder bumps on the LM3208 re-flow evenly and that the device solders level to the
board. In particular, special attention must be paid to the pads for bumps A1 and A3. Because PGND and PVIN
are typically connected to large copper planes, inadequate thermal relief’s can result in late or inadequate re-flow
of these bumps.
The DSBGA package is optimized for the smallest possible size in applications with red or infrared opaque
cases. Because the DSBGA package lacks the plastic encapsulation characteristic of larger devices, it is
vulnerable to light. Backside metallization and/or epoxy coating, along with front-side shading by the printed
circuit board, reduce this sensitivity. However, the package has exposed die edges. In particular, DSBGA
devices are sensitive to light (in the red and infrared range) shining on the package’s exposed die edges.
Board Layout Considerations
Figure 36. Current Loop
The LM3208 converts higher input voltage to lower output voltage with high efficiency. This is achieved with an
inductor-based switching topology. During the first half of the switching cycle, the internal PMOS switch turns on,
the input voltage is applied to the inductor, and the current flows from PVIN line into the output capacitor and the
load through the inductor. During the second half cycle, the PMOS turns off and the internal NMOS turns on. The
inductor current continues to flow via the inductor from the device PGND line into the output capacitor and the
load.
Referring to Figure 36, a pulse current flows in the left hand side loop, and a ripple current flows in the right hand
side loop. Board layout and circuit pattern design of these two loops are the key factors for reducing noise
radiation and stable operation. In other lines, such as from battery to C1 and C2 to the load, the current is mostly
DC current. Therefore, it is not necessary to take so much care. Only pattern width (current capability) and DCR
drop considerations are needed.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LM3208



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com