Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM3243TMX/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LM3243TMX/NOPB
Description  High-Current Step-Down Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3243TMX/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM3243TMX/NOPB Datasheet HTML 4Page - Texas Instruments LM3243TMX/NOPB Datasheet HTML 5Page - Texas Instruments LM3243TMX/NOPB Datasheet HTML 6Page - Texas Instruments LM3243TMX/NOPB Datasheet HTML 7Page - Texas Instruments LM3243TMX/NOPB Datasheet HTML 8Page - Texas Instruments LM3243TMX/NOPB Datasheet HTML 9Page - Texas Instruments LM3243TMX/NOPB Datasheet HTML 10Page - Texas Instruments LM3243TMX/NOPB Datasheet HTML 11Page - Texas Instruments LM3243TMX/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
0
2
4
6
8
10
12
INPUT VOLTAGE (V)
20 s/DIV
IOUT
2V/DIV
500 mA/DIV
VCON
2V/DIV
VOUT
3.0
3.5
4.0
4.5
5.0
5.5
6.0
2.50
2.55
2.60
2.65
2.70
2.75
2.80
2.85
2.90
2.95
3.00
INPUT VOLTAGE (V)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
210
220
230
240
250
260
270
280
290
INPUT VOLTAGE (V)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
2.4
2.6
2.8
3.0
3.2
3.4
3.6
INPUT VOLTAGE (V)
DROPOUT
IOUT= 1.5A
0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
VCON (V)
2.5X GAIN
LM3243
SNVS782C – OCTOBER 2010 – REVISED AUGUST 2015
www.ti.com
6.8 Typical Characteristics
VOUT = 3.4 V
VIN = 4.3 V down to Dropout
VIN = 4.2 V
RLOAD = 6.8 Ω
0.16 V < VCON < 1.4 V
Figure 1. Output Voltage vs. Supply Voltage
Figure 2. Output Voltage vs. VCON Voltage
VIN = 3.8 V
VOUT = 2.5 V
IOUT = 700 mA
2.7 V < VIN< 5.5 V (No Load)
VOUT = 1 V
Figure 3. Center-Switching Frequency vs. Supply Voltage
Figure 4. Quiescent Current (PFM) vs. Supply Voltage
VIN = 3.8 V
RLOAD = 6.8 Ω
VOUT = 0 V to 3 V
2.7 V < VIN< 5.5 V (No Load)
VOUT = 2.5 V
Figure 6. VCON Transient (3G/4G)
Figure 5. Quiescent Current (PWM) vs. Supply Voltage
8
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: LM3243



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com