Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM3243TMX/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM3243TMX/NOPB
Description  High-Current Step-Down Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3243TMX/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM3243TMX/NOPB Datasheet HTML 1Page - Texas Instruments LM3243TMX/NOPB Datasheet HTML 2Page - Texas Instruments LM3243TMX/NOPB Datasheet HTML 3Page - Texas Instruments LM3243TMX/NOPB Datasheet HTML 4Page - Texas Instruments LM3243TMX/NOPB Datasheet HTML 5Page - Texas Instruments LM3243TMX/NOPB Datasheet HTML 6Page - Texas Instruments LM3243TMX/NOPB Datasheet HTML 7Page - Texas Instruments LM3243TMX/NOPB Datasheet HTML 8Page - Texas Instruments LM3243TMX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
LM3243
PVIN VDD
SW
FB
VCON
PGND SGND
EN
MODE
VBATT
VOUT
ACB
BP
VCC_PA_2G
BB or
RFIC
DAC
GPO2
GPO1
BGND
1.5 µH
10 µF
1.0 µF
PA
4.7 µF
PA(s)
VCC_PA_3G
10 µF
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM3243
SNVS782C – OCTOBER 2010 – REVISED AUGUST 2015
LM3243 High-Current Step-Down Converter for 2G, 3G, and 4G RF Power Amplifiers
1 Features
3 Description
The LM3243 is a DC-DC converter optimized for
1
•
Input Voltage Range: 2.7 V to 5.5 V
powering multi-mode 2G, 3G, and 4G RF power
•
High-Efficiency PFM and PWM Modes With
amplifiers (PAs) from a single Lithium-Ion cell. The
Internal Synchronous Rectification
LM3243 steps down an input voltage from 2.7 V to
•
Analog Bypass Function with Low Dropout
5.5 V to a dynamically adjustable output voltage of
0.4 V to 3.6 V. The output voltage is set through a
Resistance (45 m
Ω Typical)
VCON analog input that adjusts the output voltage to
•
Dynamically Adjustable Output Voltage: 0.4 V to
ensure efficient operation at all power levels of the
3.6 V (Typical) in PFM and PWM Modes
RF PA.
•
Maximum Load Current: 2.5 A in PWM Mode
The LM3243 operates in constant frequency PWM
•
PWM Switching Frequency: 2.7 MHz (Average)
mode producing a small and predictable amount of
•
Modulated Switching Frequency to Aid Rx Band
output voltage ripple. This enables best ECTEL
Compliance
power requirements in GMSK and EDGE spectral
compliance, with the minimal amount of filtering and
•
Operates From a Single Li-ion Cell
excess headroom. When operating in PFM mode, the
(2.7 V to 5.5 V)
LM3243
enables
the
lowest
DG09
current
•
Current and Thermal Overload Protection
consumption
and
therefore
maximizes
system
•
ACB Reduces Inductor Requirements and Size
efficiency.
•
Minimum Total Solution Size by Using Small
The LM3243 has a unique Active Current assist and
Footprint and Case Size Inductor and Capacitors
analog Bypass (ACB) feature to minimize inductor
size without any loss of output regulation for the
2 Applications
entire battery voltage and RF output power range,
until dropout. ACB provides a parallel current path,
•
Cellular Phones
when needed, to limit the maximum inductor current
•
Hand-Held Radios
to 1.4 A (typical) while still driving a 2.5-A load. The
•
RF PC Cards
ACB also enables operation with minimal dropout
voltage. When considering using the LM3243 in a
•
Battery-Powered RF Devices
system design, see the Layout section of this data
sheet.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (MAX)
LM3243
DSBGA (16)
2.049 mm × 2.049 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical System Application Diagram
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LM3243TMX/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3243 TI1-LM3243 Datasheet
139Kb / 5P
High-Current Step-Down Converter for 2G/3G/4G RF Power
February 24, 2012
LM3243 TI1-LM3243 Datasheet
4Mb / 29P
High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
REVISED FEBRUARY 2013
LM3243 TI1-LM3243_14 Datasheet
4Mb / 29P
High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
REVISED FEBRUARY 2013
LM3243 TI-LM3243_15 Datasheet
1Mb / 32P
LM3243 High-Current Step-Down Converter for 2G, 3G, and 4G RF Power Amplifiers
REVISED AUGUST 2015
More results

Similar Description - LM3243TMX/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65263-Q1 TI1-TPS65263-Q1 Datasheet
1Mb / 47P
Output Current Triple Synchronous Step-Down Converter
LM3253 TI1-LM3253_16 Datasheet
990Kb / 25P
High-Current Step-Down Converter
logo
Richtek Technology Corp...
RT8092 RICHTEK-RT8092 Datasheet
327Kb / 27P
High Efficiency Step-Down Converter
logo
Linear Technology
LTC3807EFE LINER-LTC3807EFE Datasheet
436Kb / 6P
Low Quiescent Current, High Voltage Step-Down Converter
LTC3877 LINER-LTC3877 Datasheet
1Mb / 18P
High Current Step-Down Converter
logo
Monolithic Power System...
EV2312-Q-00A MPS-EV2312-Q-00A Datasheet
430Kb / 7P
24V, High Current Synchronous Step-down Converter Evaluation Board
logo
Linear Technology
LTC7851 LINER-LTC7851 Datasheet
925Kb / 20P
High Output Current 4-Phase Step-Down Converter
logo
Monolithic Power System...
EV8765-Q-00A MPS-EV8765-Q-00A Datasheet
663Kb / 9P
24V, High Current Synchronous Step-down Converter Evaluation Board
logo
ELMOS Semiconductor AG
E522.10 ELMOS-E522.10 Datasheet
192Kb / 2P
LOW QUIESCENT CURRENT STEP DOWN CONVERTER
logo
Maxim Integrated Produc...
MAX16984A MAXIM-MAX16984A_V01 Datasheet
1Mb / 49P
Automotive High-Current Step-Down Converter
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com