Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM3262TMX/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM3262TMX/NOPB
Description  Miniature, Adjustable, Step-Down DC-DC Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3262TMX/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM3262TMX/NOPB Datasheet HTML 3Page - Texas Instruments LM3262TMX/NOPB Datasheet HTML 4Page - Texas Instruments LM3262TMX/NOPB Datasheet HTML 5Page - Texas Instruments LM3262TMX/NOPB Datasheet HTML 6Page - Texas Instruments LM3262TMX/NOPB Datasheet HTML 7Page - Texas Instruments LM3262TMX/NOPB Datasheet HTML 8Page - Texas Instruments LM3262TMX/NOPB Datasheet HTML 9Page - Texas Instruments LM3262TMX/NOPB Datasheet HTML 10Page - Texas Instruments LM3262TMX/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
SUPPLY VOLTAGE (V)
2.006
2.004
2.002
2.000
1.998
1.996
1.994
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
TA = +85°C
TA = +25°C
TA = -30°C
2.5
3.0
3.5
4.0
4.5
5.0
5.5
400
500
600
700
800
900
SUPPLY VOLTAGE (V)
VIN = 25°C
VIN = -40°C
VIN = 95°C
0.5
1.0
1.5
2.0
2.5
3.0
3.5
50
60
70
80
90
100
OUTPUT VOLTAGE (V)
VIN = 3.0V
VIN = 3.6V
VIN = 4.2V
-35
-15
5
25
45
65
85
105
20
21
22
23
24
25
26
27
AMBIENT TEMPERATURE (°C)
VIN = 3.0V
VIN = 3.6V
VIN = 4.2V
LM3262
www.ti.com
SNVS875O – AUGUST 2012 – REVISED DECEMBER 2015
6.8 Typical Characteristics
VIN = EN = 3.6 V, L = 0.5 µH, CIN = 10 µF, COUT = 4.7 µF and TA = 25°C, unless otherwise noted.
SW = VCON = EN = BPEN = 0V
VCON < 80 mV
EN = VIN
BPEN = 0
Figure 1. Shutdown Current vs Temperature
Figure 2. Sleep Mode Current vs Temperature
No Switching
FB = 1 V
VCON = 0.13 V
Closed Loop
Switching
No load
Figure 3. Quiescent Current vs Supply Voltage
Figure 4. ECO Mode Supply Current vs Output Voltage
VOUT = 2 V
RLOAD = 10 Ω
VOUT = 2 V
IOUT = 200 mA
Figure 6. Output Voltage vs Supply Voltage
Figure 5. Switching Frequency vs Temperature
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM3262



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com