Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM3262TMX/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM3262TMX/NOPB
Description  Miniature, Adjustable, Step-Down DC-DC Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3262TMX/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM3262TMX/NOPB Datasheet HTML 1Page - Texas Instruments LM3262TMX/NOPB Datasheet HTML 2Page - Texas Instruments LM3262TMX/NOPB Datasheet HTML 3Page - Texas Instruments LM3262TMX/NOPB Datasheet HTML 4Page - Texas Instruments LM3262TMX/NOPB Datasheet HTML 5Page - Texas Instruments LM3262TMX/NOPB Datasheet HTML 6Page - Texas Instruments LM3262TMX/NOPB Datasheet HTML 7Page - Texas Instruments LM3262TMX/NOPB Datasheet HTML 8Page - Texas Instruments LM3262TMX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
FB
EN
VIN
VCON
SW
VIN
2.5 V to 5.5V
0.4 V to 3.6 V
10 PF
4.7 PF
PGND
0.5 PH
LM3262
VOUT = 2.5 x VCON
BPEN
SGND
DAC
GPO1
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM3262
SNVS875O – AUGUST 2012 – REVISED DECEMBER 2015
LM3262 6-MHz, 800-mA Miniature, Adjustable, Step-Down DC-DC
Converter With Auto Bypass for RF Power Amplifiers
1 Features
3 Description
The LM3262 is a DC-DC converter optimized for
1
•
Operates from a Single Li-Ion Cell (2.5 V to 5.5 V)
powering RF power amplifiers (PAs) from a single
•
6-MHz (Typical) PWM Switching Frequency
lithium-ion cell; however, it may be used in many
•
Adjustable Output Voltage (0.4 V to 3.6 V)
other applications such as USB-powered portable
applications. The device 2.5-V to 5.5-V input voltage
•
800-mA Maximum Load Capability (up to 1 A in
can be stepped down to an adjustable output voltage
Bypass Mode)
range from 0.4 V to 3.6 V. Output voltage is set using
•
High Efficiency (93% Typical at 3.8 VIN, 3.4 VOUT
a VCON analog input which enables improved RF-
at 500 mA)
stage PA efficiencies.
•
Automatic ECO/PWM/BP Mode Change
The LM3262 offers five modes of operation. In pulse
•
Current and Thermal Overload Protection
width modulation (PWM) mode the device operates at
•
Multi-Function VCON Pin
a fixed frequency of 6 MHz (typical), which minimizes
RF interference at medium-to-low loads. At light load,
(Eliminates Need for Separate BPEN Control)
the device enters into ECO mode automatically and
•
Soft-Start Function
operates with reduced switching frequency. In ECO
•
Small Chip Inductor in 0805 (2012) Case Size
mode, the quiescent current is reduced and extends
•
25-µA (Typical) IQ in Sleep Mode
the battery life. Shutdown mode turns the device off
and reduces battery consumption to 0.1 µA (typical).
•
5-µs (Typical) Rise Time and Fall Time for
At low-battery condition, bypass mode reduces the
2-V Step
voltage dropout to less than 50 mV (typical). The
•
9-Pin DSBGA Package
device also features a sleep mode.
The LM3262 is available in a 9-pin, lead-free DSBGA
2 Applications
package. A high-switching frequency (6 MHz) allows
•
HSUPA, LTE Cellular Phones
use of only three tiny surface-mount components: one
inductor and two ceramic capacitors.
•
TD-SCDMA and TD-LTE
•
Hand-Held Radios
Device Information(1)
•
RF PC Cards
PART NUMBER
PACKAGE
BODY SIZE (MAX)
•
Battery-Powered RF Devices
LM3262
DSGBA (9)
1.51 mm × 1.385 mm
•
USB-Powered Portable Applications
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application Circuit
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LM3262TMX/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3262TMX TI1-LM3262TMX Datasheet
2Mb / 41P
Adjustable, Step-Down DC-DC Converter With Auto Bypass
More results

Similar Description - LM3262TMX/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3202 NSC-LM3202 Datasheet
1Mb / 15P
650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3205 NSC-LM3205 Datasheet
1Mb / 18P
650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3205 NSC-LM3205_09 Datasheet
1Mb / 18P
650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
logo
Global Mixed-mode Techn...
G5302 GMT-G5302 Datasheet
77Kb / 1P
650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
logo
Texas Instruments
LM3200 TI1-LM3200 Datasheet
982Kb / 24P
Miniature, Adjustable, Step-Down DC-DC Converter
LM3204 TI1-LM3204_16 Datasheet
950Kb / 24P
Miniature, Adjustable, Step-Down DC-DC Converter
LM3205 TI1-LM3205_16 Datasheet
1Mb / 28P
Miniature, Adjustable, Step-Down DC-DC Converter
LM3208 TI1-LM3208 Datasheet
3Mb / 25P
650mA Miniature, Adjustable, Step-Down DC-DC Converter
LM3218 TI1-LM3218 Datasheet
3Mb / 21P
Miniature, Adjustable, Step-Down DC-DC Converter
LM3242 TI1-LM3242 Datasheet
1Mb / 32P
750mA Miniature Adjustable Step-Down DC-DC Converter
REVISED AUGUST 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com