Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM3410XMF/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM3410XMF/NOPB
Description  Constant Current Boost and SEPIC LED Driver with Internal Compensation
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3410XMF/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LM3410XMF/NOPB Datasheet HTML 1Page - Texas Instruments LM3410XMF/NOPB Datasheet HTML 2Page - Texas Instruments LM3410XMF/NOPB Datasheet HTML 3Page - Texas Instruments LM3410XMF/NOPB Datasheet HTML 4Page - Texas Instruments LM3410XMF/NOPB Datasheet HTML 5Page - Texas Instruments LM3410XMF/NOPB Datasheet HTML 6Page - Texas Instruments LM3410XMF/NOPB Datasheet HTML 7Page - Texas Instruments LM3410XMF/NOPB Datasheet HTML 8Page - Texas Instruments LM3410XMF/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 49 page
background image
LM3410, LM3410Q
www.ti.com
SNVS541G – OCTOBER 2007 – REVISED MAY 2013
Table 3. Pin Descriptions - 8-Pin MSOP-PowerPad
Pin
Name
Function
1
-
No Connect
2
PGND
Power ground pin. Place PGND and output capacitor GND close together.
3
VIN
Supply voltage for power stage, and input supply voltage.
Dimming and shutdown control input. Logic high enables operation. Duty Cycle from 0 to 100%. Do not allow this pin
4
DIM
to float or be greater than VIN + 0.3V.
5
FB
Feedback pin. Connect FB to external resistor divider to set output voltage.
6
AGND
Signal ground pin. Place the bottom resistor of the feedback network as close as possible to this pin and pin 5
7
SW
Output switch. Connect to the inductor, output diode.
8
-
No Connect
Signal and Power ground. Connect to pin 2 and pin 6 on top layer. Place 4-6 vias from DAP to bottom layer GND
DAP
GND
plane.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
VIN
-0.5V to 7V
SW Voltage
-0.5V to 26.5V
FB Voltage
-0.5V to 3.0V
DIM Voltage
-0.5V to 7.0V
ESD Susceptibility (3)
Human Body Model
2kV
Junction Temperature (4)
150°C
Storage Temp. Range
-65°C to 150°C
Soldering Information
Infrared/Convection Reflow (15sec)
220°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but does not ensure specific performance limits. For ensured specifications and conditions,
see the Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/ Distributors for availability and specifications.
(3)
The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. Test method is per JESD22-A114.
(4)
Thermal shutdown will occur if the junction temperature exceeds the maximum junction temperature of the device.
Operating Ratings
(1)
VIN
2.7V to 5.5V
VDIM
(2)
0V to VIN
VSW
3V to 24V
Junction Temperature Range
-40°C to 125°C
Power Dissipation
(Internal) SOT-23
400 mW
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but does not ensure specific performance limits. For ensured specifications and conditions,
see the Electrical Characteristics.
(2)
Do not allow this pin to float or be greater than VIN +0.3V.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM3410 LM3410Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com