Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM3410XMF/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM3410XMF/NOPB
Description  Constant Current Boost and SEPIC LED Driver with Internal Compensation
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3410XMF/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM3410XMF/NOPB Datasheet HTML 1Page - Texas Instruments LM3410XMF/NOPB Datasheet HTML 2Page - Texas Instruments LM3410XMF/NOPB Datasheet HTML 3Page - Texas Instruments LM3410XMF/NOPB Datasheet HTML 4Page - Texas Instruments LM3410XMF/NOPB Datasheet HTML 5Page - Texas Instruments LM3410XMF/NOPB Datasheet HTML 6Page - Texas Instruments LM3410XMF/NOPB Datasheet HTML 7Page - Texas Instruments LM3410XMF/NOPB Datasheet HTML 8Page - Texas Instruments LM3410XMF/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
FB
VIN
SW
2
1
3
5
4
DIM
VIN
C1
DIMM
GND
LEDs
L1
D1
R1
C2
LM3410, LM3410Q
www.ti.com
SNVS541G – OCTOBER 2007 – REVISED MAY 2013
525kHz/1.6MHz, Constant Current Boost and SEPIC LED Driver with Internal
Compensation
Check for Samples: LM3410, LM3410Q
1
FEATURES
DESCRIPTION
The LM3410 constant current LED driver is a
23
•
Space Saving SOT-23 and WSON Packages
monolithic, high frequency, PWM DC/DC converter in
•
Input Voltage Range of 2.7V to 5.5V
5-pin
•
Output Voltage Range of 3V to 24V
SOT-23, 6-pin WSON, and 8-pin MSOP-PowerPad™
•
2.8A Typical Switch Current
packages. With a minimum of external components
•
High Switching Frequency
the LM3410 is easy to use. It can drive 2.8A typical
peak currents with an internal 170 m
Ω NMOS switch.
–
525 KHz (LM3410Y)
Switching frequency is internally set to either 525 kHz
–
1.6 MHz (LM3410X)
or 1.60 MHz, allowing the use of extremely small
•
170 m
Ω NMOS Switch
surface mount inductors and chip capacitors. Even
though the operating frequency is high, efficiencies
•
190 mV Internal Voltage Reference
up to 88% are easy to achieve. External shutdown is
•
Internal Soft-Start
included, featuring an ultra-low standby current of 80
•
Current-Mode, PWM Operation
nA. The LM3410 utilizes current-mode control and
internal compensation to provide high-performance
•
Thermal Shutdown
over a wide range of operating conditions. Additional
•
LM3410Q is AEC-Q100 Grade 1 Qualified and
features include dimming, cycle-by-cycle current limit,
is Manufactured on an Automotive Grade Flow
and thermal shutdown.
APPLICATIONS
•
LED Backlight Current Source
•
LiIon Backlight OLED and HB LED Driver
•
Handheld Devices
•
LED Flash Driver
•
Automotive
Typical Boost Application Circuit
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPad is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM3410XMF/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3410XMF NSC-LM3410XMF Datasheet
172Kb / 6P
525kHz/1.6MHz, Constant Current Boost and SEPIC LED Driver with Internal Compensation
LM3410XMF NSC-LM3410XMF Datasheet
715Kb / 32P
PowerWise짰 525kHz/1.6MHz, Constant Current Boost and SEPIC LED Driver with Internal Compensation
logo
Texas Instruments
LM3410XMF TI-LM3410XMF Datasheet
1Mb / 49P
525kHz/1.6MHz, Constant Current Boost and SEPIC LED Driver with Internal Compensation
LM3410XMFE TI-LM3410XMFE Datasheet
1Mb / 49P
525kHz/1.6MHz, Constant Current Boost and SEPIC LED Driver with Internal Compensation
logo
National Semiconductor ...
LM3410XMFX NSC-LM3410XMFX Datasheet
172Kb / 6P
525kHz/1.6MHz, Constant Current Boost and SEPIC LED Driver with Internal Compensation
More results

Similar Description - LM3410XMF/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3405A NSC-LM3405A Datasheet
492Kb / 20P
1.6MHz, 1A Constant Current Buck LED Driver with Internal Compensation in Tiny SOT23 Package
LM3410 NSC-LM3410 Datasheet
172Kb / 6P
525kHz/1.6MHz, Constant Current Boost and SEPIC LED Driver with Internal Compensation
LM3410 NSC-LM3410_08 Datasheet
715Kb / 32P
PowerWise짰 525kHz/1.6MHz, Constant Current Boost and SEPIC LED Driver with Internal Compensation
logo
Linear Technology
LTC3783 LINER-LTC3783 Datasheet
274Kb / 24P
PWM LED Driver and Boost, Flyback and SEPIC Controller
logo
National Semiconductor ...
LM3405A NSC-LM3405A_08 Datasheet
511Kb / 20P
1.6MHz, 1A Constant Current Buck LED Driver with Internal Compensation in Tiny SOT23 and eMSOP Package
logo
Texas Instruments
LM3410XMF TI-LM3410XMF Datasheet
1Mb / 49P
525kHz/1.6MHz, Constant Current Boost and SEPIC LED Driver with Internal Compensation
LM3405A TI1-LM3405A_14 Datasheet
1Mb / 31P
1.6MHz, 1A Constant Current Buck LED Driver with Internal Compensation in Tiny SOT and MSOP PowerPAD Packages
LM3410 TI1-LM3410_14 Datasheet
1Mb / 44P
525kHz/1.6MHz, Constant Current Boost and SEPIC LED Driver with Internal Compensation
logo
Linear Technology
LTC3783 LINER-LTC3783_15 Datasheet
309Kb / 24P
PWM LED Driver and Boost, Flyback and SEPIC Controller
logo
Shenzhen Huazhimei Semi...
HM5305 HMSEMI-HM5305 Datasheet
423Kb / 9P
Boost high-power LED constant current driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com