Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM3535TMX/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM3535TMX/NOPB
Description  Multi-Display LED Driver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3535TMX/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LM3535TMX/NOPB Datasheet HTML 1Page - Texas Instruments LM3535TMX/NOPB Datasheet HTML 2Page - Texas Instruments LM3535TMX/NOPB Datasheet HTML 3Page - Texas Instruments LM3535TMX/NOPB Datasheet HTML 4Page - Texas Instruments LM3535TMX/NOPB Datasheet HTML 5Page - Texas Instruments LM3535TMX/NOPB Datasheet HTML 6Page - Texas Instruments LM3535TMX/NOPB Datasheet HTML 7Page - Texas Instruments LM3535TMX/NOPB Datasheet HTML 8Page - Texas Instruments LM3535TMX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
LM3535
SNVS598A – AUGUST 2010 – REVISED MAY 2013
www.ti.com
Electrical Characteristics
(1) (2)
Limits in standard typeface are for TA = 25°C, and limits in boldface type apply over the full operating temperature range (-
30°C to +85°C). Unless otherwise specified: VIN = 3.6V; VHWEN = VIN; VPWM = 0V;VDxA = VDxB = VDxC = 0.4V; GroupA = GroupB
= GroupC = Fullscale Current; ENxA, ENxB, ENxC Bits = “1”; 53A, 62A Bits = "0"; C1 = C2 = CIN= COUT= 1.0µF.
(3)
Symbol
Parameter
Condition
Min
Typ
Max
Units
2.7V
≤ VIN ≤ 5.5V
EN1A to EN4A = '1', 53A = 62A = '0'', EN53 =
23.6
26.3
mA
25
EN62 = ENxB = ENxC = '0'
(-5.6%)
(+5.2%)
(%)
4 LEDs in GroupA
Output Current Regulation
GroupA
2.7V
≤ VIN ≤ 5.5V
EN1A to EN4A = EN53 = EN62 = '1', 53A =
23.2
26.3
mA
25
62A = '1'', ENxB = ENxC = '0'
(-7.2%)
(+5.2%)
(%)
6 LEDs in GroupA
2.7V
≤ VIN ≤ 5.5V
Output Current Regulation
EN1B = EN53 = EN62 = '1', 53A = 62A = '0',
23.3
26.0
mA
25
IDxx
GroupB
ENxA = ENC = '0'
(-6.8%)
(+4.0%)
(%)
3 LEDs in GroupB
Output Current Regulation
2.7V
≤ VIN ≤ 5.5V
23.8
26.8
mA
25
IDC
ENC = '1', ENxA = ENxB = '0'
(-4.8%)
(+7.2%)
(%)
25
DxA
Output Current Regulation
3.2V
≤ VIN ≤ 5.5V
25
mA
GroupA, GroupB, and GroupC Enabled
VLED = 3.6V
DxB
25
DxC
GroupA (4 LEDs)
0.25
2.40
IDxx-
LED Current Matching(4)
2.7V
≤ VIN ≤ 5.5V
GroupA (6 LEDs)
0.55
2.78
%
MATCH
GroupB (3 LEDs)
0.25
2.41
VDxx 1x to 3/2x Gain Transition
VDxTH
VDxA and/or VDxB Falling
130
mV
Threshold
Current sink Headroom Voltage
IDxx = 95% ×IDxx (nom.)
VHR
100
mV
Requirement(5)
(IDxx (nom) = 25mA)
Gain = 3/2
2.4
Open-Loop Charge Pump Output
ROUT
Ω
Resistance
Gain = 1
0.5
Gain = 3/2, No Load
2.86
4.38
IQ
Quiescent Supply Current
mA
Gain = 1, No Load
1.09
2.31
2.7V
≤ VIN ≤ 5.5V
ISB
Standby Supply Current
1.7
4.0
µA
HWEN = VIN, All ENx bits = "0"
2.7V
≤ VIN ≤ 5.5V
ISD
Shutdown Supply Current
1.7
4.0
µA
HWEN = 0V, All ENx bits = "0"
fSW
Switching Frequency
1.10
1.33
1.56
MHz
tSTART
Start-up Time
VOUT = 90% steady state
250
µs
(1)
All voltages are with respect to the potential at the GND pins.
(2)
Min and Max limits are ensured by design, test, or statistical analysis. Typical numbers are not ensured, but do represent the most likely
norm.
(3)
CIN, CVOUT, C1, and C2 : Low-ESR Surface-Mount Ceramic Capacitors (MLCCs) used in setting electrical characteristics
(4)
For the two groups of current sinks on a part (GroupA and GroupB), the following are determined: the maximum sink current in the
group (MAX), the minimum sink current in the group (MIN), and the average sink current of the group (AVG). For each group, two
matching numbers are calculated: (MAX-AVG)/AVG and (AVG-MIN)/AVG. The largest number of the two (worst case) is considered the
matching figure for the Group. The matching figure for a given part is considered to be the highest matching figure of the two Groups.
The typical specification provided is the most likely norm of the matching figure for all parts.
(5)
For each Dxxpin, headroom voltage is the voltage across the internal current sink connected to that pin. For Group A, B, and C current
sinks, VHRx = VOUT -VLED. If headroom voltage requirement is not met, LED current regulation will be compromised.
4
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LM3535



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com