Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM3535TMX/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM3535TMX/NOPB
Description  Multi-Display LED Driver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3535TMX/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM3535TMX/NOPB Datasheet HTML 6Page - Texas Instruments LM3535TMX/NOPB Datasheet HTML 7Page - Texas Instruments LM3535TMX/NOPB Datasheet HTML 8Page - Texas Instruments LM3535TMX/NOPB Datasheet HTML 9Page - Texas Instruments LM3535TMX/NOPB Datasheet HTML 10Page - Texas Instruments LM3535TMX/NOPB Datasheet HTML 11Page - Texas Instruments LM3535TMX/NOPB Datasheet HTML 12Page - Texas Instruments LM3535TMX/NOPB Datasheet HTML 13Page - Texas Instruments LM3535TMX/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
Time
(100 ms/div.)
VOUT
1V/div.
ILEDs
(20 mA/div.)
Time
(100 ms/div.)
VALS
200 mV/div.
ILEDs
(50 mA/div.)
INT
Time
(100 ms/div.)
VOUT
1V/div.
ILEDs
(20 mA/div.)
D.C. (%)
25
20
15
10
5
0
0
20
40
60
80
100
fPWM = 250 Hz.
fPWM = 8 kHz.
fPWM = 20 kHz.
LM3535
SNVS598A – AUGUST 2010 – REVISED MAY 2013
www.ti.com
Typical Performance Characteristics (continued)
Unless otherwise specified: TA = 25°C; VIN = 3.6V; VHWEN = VIN; CIN= 1µF, COUT = 1µF, C1=C2= 1µF.
ALS Boundary Voltage
vs.
Diode Current
Boundary Code
vs
Falling ALS Voltage (Zoom)
PWM Duty Cycle
Figure 22.
Figure 23.
Diode Current Ramp-Up
Ambient Light Sensor Response
tSTEP = 6ms
Figure 24.
Figure 25.
Diode Current Ramp-Down
tSTEP = 6ms
Figure 26.
10
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LM3535



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com