Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM3550SPX/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM3550SPX/NOPB
Description  5A Flash LED Driver with Automatic VLED and ESR Detection for Mobile Camera Systems
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3550SPX/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LM3550SPX/NOPB Datasheet HTML 1Page - Texas Instruments LM3550SPX/NOPB Datasheet HTML 2Page - Texas Instruments LM3550SPX/NOPB Datasheet HTML 3Page - Texas Instruments LM3550SPX/NOPB Datasheet HTML 4Page - Texas Instruments LM3550SPX/NOPB Datasheet HTML 5Page - Texas Instruments LM3550SPX/NOPB Datasheet HTML 6Page - Texas Instruments LM3550SPX/NOPB Datasheet HTML 7Page - Texas Instruments LM3550SPX/NOPB Datasheet HTML 8Page - Texas Instruments LM3550SPX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
LM3550
www.ti.com
SNVS569B – MAY 2009 – REVISED MAY 2013
Absolute Maximum Ratings
(1) (2) (3)
VIN to GND
−0.3V to 6V
VOUT, LED−, FB to GND
−0.3V to 6V
SDA, SCL, STROBE, FET_CON, EOC, ALD/TEMP,
IND to GND
−0.3V to 6V
Continuous Power Dissipation(4)
Internally Limited
Junction Temperature (TJ-MAX )
150°C
Storage Temperature Range
−65°C to +150
Maximum Lead Temperature (Soldering, 10s)
See(5)
ESD Rating(6)
Human Body Model
2 kV
Machine Model(7)
200V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under
which operation of the device is ensured. Operating Ratings do not imply ensured performance limits. For ensured performance limits
and associated test conditions, see the Electrical Characteristics tables.
(2)
All voltages are with respect to the potential at the GND pin.
(3)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(4)
Internal thermal shutdown circuitry protects the device from permanent damage. Thermal shutdown engages at TJ = 145ºC (typ.) and
disengages at TJ = 125ºC (typ.). The thermal shutdown is specified by design.
(5)
For detailed soldering specifications and information, please refer to Texas Instruments Application Note: AN-1187 (SNOA401) for
Recommended Soldering Profiles.
(6)
The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. The machine model is a 200 pF
capacitor discharged through a 0
Ω (nominal) resistor into each pin.(MIL-STD-883 3015.7). Texas Instruments recommends that all
integrated circuits be handled with appropriate ESD precautions. Failure to observe proper ESD handling techniques can result in
damage to the device.
(7)
The LED
− pin has a machine model ESD rating of 150V.
Operating Ratings
(1) (2)
Input Voltage Range
2.7V to 5.5V
Junction Temperature Range
−30°C to 125°C
(TJ)
(3)
Ambient Temperature Range
−30°C to +85°C
(TA)
(4)
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under
which operation of the device is ensured. Operating Ratings do not imply ensured performance limits. For ensured performance limits
and associated test conditions, see the Electrical Characteristics tables.
(2)
All voltages are with respect to the potential at the GND pin.
(3)
For detailed soldering specifications and information, please refer to Texas Instruments Application Note: AN-1187 (SNOA401) for
Recommended Soldering Profiles.
(4)
The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. The machine model is a 200 pF
capacitor discharged through a 0
Ω (nominal) resistor into each pin.(MIL-STD-883 3015.7). Texas Instruments recommends that all
integrated circuits be handled with appropriate ESD precautions. Failure to observe proper ESD handling techniques can result in
damage to the device.
Thermal Properties
Junction-to-Ambient Thermal Resistance (
θJA)
(1)
57°C/W
(1)
In applications where high power dissipation and/or poor package thermal resistance is present, the maximum ambient temperature may
have to be derated. Maximum ambient temperature (TA-MAX) is dependent on the maximum operating junction temperature (TJ-MAX-OP =
125ºC), the maximum power dissipation of the device in the application (PD-MAX), and the junction-to-ambient thermal resistance of the
part/package in the application (
θJA), as given by the following equation: TA-MAX = TJ-MAX-OP – (θJA × PD-MAX).
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM3550



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com