Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM3550SPX/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM3550SPX/NOPB
Description  5A Flash LED Driver with Automatic VLED and ESR Detection for Mobile Camera Systems
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3550SPX/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LM3550SPX/NOPB Datasheet HTML 1Page - Texas Instruments LM3550SPX/NOPB Datasheet HTML 2Page - Texas Instruments LM3550SPX/NOPB Datasheet HTML 3Page - Texas Instruments LM3550SPX/NOPB Datasheet HTML 4Page - Texas Instruments LM3550SPX/NOPB Datasheet HTML 5Page - Texas Instruments LM3550SPX/NOPB Datasheet HTML 6Page - Texas Instruments LM3550SPX/NOPB Datasheet HTML 7Page - Texas Instruments LM3550SPX/NOPB Datasheet HTML 8Page - Texas Instruments LM3550SPX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
LM3550
SNVS569B – MAY 2009 – REVISED MAY 2013
www.ti.com
Electrical Characteristics
(1) (2)
Limits in standard typeface are for TJ = +25°C. Limits in boldface type apply over the full ambient junction temperature range
(
−30°C ≤ TA ≤ +85°C). Unless otherwise noted, specifications apply to the LM3550 Typical Application Circuit with: : VIN =
3.6V, CIN = 4.7µF, COUT = 2.2µF, C1 = C2 = 1 µF.
Symbol
Parameter
Conditions
Min(3)
Typ
Max(3)
Units
54
60
66
2.7V
≤ VIN ≤ 5.5V
ILED−
Current Sink Accuracy
90
100
110
mA
3.0V
≤ VOUT ≤ 5.5V
180
200
220
Going into
5.3
5.479
OVP
VOVP
Output Over Voltage Protection
2.7V
≤ VIN ≤ 5.5V
V
Hysteresis
0.2
4.275
4.5
4.666
2.7V
≤ VIN ≤ 5.5V
VOUT
Output Voltage Regulation
4.75
5
5.169
V
IOUT = 0 mA
5.035
5.3
5.479
VBAL
BAL Pin Voltage Regulation
2.7V
≤ VIN ≤ 5.5V
VOUT / 2
V
2.7V
≤ VIN ≤ 5.5V
IIND
IND Pin Current Regulation
3.3
4.8
6.3
mA
VIND = 2.0V
fSW
Switching Frequency
2.7V
≤ VIN ≤ 5.5V
0.882
1
1.153
MHz
Feedback Pin Regulation
2.7V
≤ VIN ≤ 5.5V
VFB
94
100
106
mV
Voltage
VOUT = 4.6V
ALD/TEMP Pin Reference
VALD/TEMP
2.7V
≤ VIN ≤ 5.5V
0.95
1
1.05
V
Voltage
VEOC
EOC Pin Output Logic Low
ILOAD = 3 mA
400
mV
IIN-CL
Input Current Limit
VOUT = 0V
534
610
mA
Device Disabled
ISD
Shutdown Supply Current
1.8
4
µA
2.7V
≤ VIN ≤ 5.5V
2.7V
≤ VIN ≤ 5.5V
IOUT = 0 mA
IQ
Quiescent Supply Current
168
240
µA
5V Charge Mode
Non-Switching
High
1.23
VIN
VSTROBE
Strobe Logic Thresholds
2.7V
≤ VIN ≤ 5.5V
V
Low
0
0.7
I2C-Compatible Voltage Specifications (SCL, SDA)
VIL
Input Logic Low
2.7V
≤ VIN ≤ 5.5V
0
0.7
V
VIH
Input Logic High
2.7V
≤ VIN ≤ 5.5V
1.23
VIN
V
VOL
Output Logic Low
ILOAD = 3 mA
400
mV
I2C-Compatible Timing Specifications (SCL, SDA)
t1
SCL (Clock Period)
294
ns
Data In Setup Time to SCL
t2
fSCL = 400 kHz.
100
ns
High
t3
Data Out Stable After SCL Low
fSCL = 400 kHz.
0
ns
SDA Low Setup Time to SCL
t4
fSCL = 400 kHz.
100
ns
Low (Start)
SDA High Hold Time After SCL
t5
fSCL = 400 kHz.
100
ns
High (Stop)
(1)
All voltages are with respect to the potential at the GND pin.
(2)
Junction-to-ambient thermal resistance (
θJA) is taken from a thermal modeling result, performed under the conditions and guidelines set
forth in the JEDEC standard JESD51-7. The test board is a 4-layer FR-4 board measuring 102 mm x 76 mm x 1.6 mm with a 2x1 array
of thermal vias. The ground plane on the board is 50 mm x 50 mm. Thickness of copper layers are 36 µm/18 µm/18 µm/36 µm
(1.5oz/1oz/1oz/1.5oz). Ambient temperature in simulation is 22°C, still air. Power dissipation is 1W.
(3)
Min and Max limits are specified by design, test, or statistical analysis. Typical (typ.) numbers are not ensured, but do represent the
most likely norm. Unless otherwise specified, conditions for Typ specifications are: VIN = 3.6V and TA = 25ºC.
4
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM3550



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com