Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM3559TLX/NOPB Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # LM3559TLX/NOPB
Description  Synchronous Boost Flash Driver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3559TLX/NOPB Datasheet(HTML) 30 Page - Texas Instruments

Back Button LM3559TLX/NOPB Datasheet HTML 26Page - Texas Instruments LM3559TLX/NOPB Datasheet HTML 27Page - Texas Instruments LM3559TLX/NOPB Datasheet HTML 28Page - Texas Instruments LM3559TLX/NOPB Datasheet HTML 29Page - Texas Instruments LM3559TLX/NOPB Datasheet HTML 30Page - Texas Instruments LM3559TLX/NOPB Datasheet HTML 31Page - Texas Instruments LM3559TLX/NOPB Datasheet HTML 32Page - Texas Instruments LM3559TLX/NOPB Datasheet HTML 33Page - Texas Instruments LM3559TLX/NOPB Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 50 page
background image
30
LM3559
SNVS624B – JUNE 2011 – REVISED JUNE 2016
www.ti.com
Product Folder Links: LM3559
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
8.6.5 Flags Register
The Flags Register holds the flag bits indicating flash timeout, thermal shutdown, LED fault (open or short), TX
interrupts (TX1 and TX2), LED thermal fault (NTC), VIN monitor trip, and VIN flash monitor trip. All flags are
cleared on read back of the Flags Register (see Table 6).
Table 6. Flags Register Descriptions
Bit 7
(VIN Monitor)
Bit 6
(VIN Flash
Monitor)
Bit 5
(NTC Fault)
Bit 4
(TX2
Interrupt)
Bit 3
(TX1 Interrupt )
Bit 2
(LED Fault)
Bit 1
(Thermal
Shutdown)
Bit 0
(Flash timeout)
0 = VIN is
above the VIN
Monitor
Threshold or
VIN monitor
threshold is
disabled
(default)
VIN did not fall
below the VIN
Flash Monitor
threshold
during the flash
pulse turnon or
VIN flash
monitor is
disabled
(default)
0 = LEDI/NTC
pin is above
1V(default)
0 = TX2 has
not changed
state (default)
0 = TX1 has not
changed state
(default)
0 = Proper
LED Operation
(default)
0 = Die
Temperature
below Thermal
Shutdown Limit
(default)
0 = Flash
timeout did not
expire (default)
1 = VIN monitor
is enabled and
VIN has fallen
below the
programmed
threshold
1 = VIN flash
monitor is
enabled and
VIN fell below
the
programmed
VIN Flash
Monitor
threshold
during the flash
pulse turn-on
1 = NTC mode
is enabled and
LEDI/NTC has
fallen below 1V
1 = TX2 has
changed state
(TX2 mode
only)
1 = TX1 has
changed state
(TX1 mode only)
1 = LED failed
(open or short)
1 = Die
temperature
has crossed
the thermal
shutdown
threshold
1 = Flash
timeout expired
8.6.6 Configuration Register 1
Configuration Register 1 holds the STROBE input enable bit, the STROBE polarity bit, the NTC enable bit, the
polarity selection bits for TX1 and TX2, and the hardware-torch enable bit (see Table 7).
Table 7. Configuration Register 1 Descriptions
Bit 7
(Hardware
Torch Mode
Enable)
Bit 6
(TX2 Polarity)
Bit 5
(TX1 Polarity)
Bit 4
(NTC Mode
Enable)
Bit 3
(STROBE
Polarity)
Bit 2
(STROBE
Input Enable)
Bit 1
(Not Used)
Bit 0
(Not Used)
0 =
TX1/TORCH is
a TX input
(default)
0 = TX2 is
configured for
active low
polarity
0 = TX1 is
configured for
active low
polarity
0 = LEDI/NTC
pin is
configured as
an indicator
output (default)
0 = STROBE
input enable is
active low.
Pulling
STROBE low
turns on Flash
current
0 = STROBE
pin disabled
(default)
N/A
N/A
1 =
TX1/TORCH
pin is a
hardware
TORCH
enable. This bit
is reset to 0
after a flash
event.
1 =TX2 pin is
configured for
active high
polarity
(default)
1 = TX1 is
configured for
active high
polarity
(default)
1 = LEDI/NTC
is configured as
a comparator
input for an
NTC thermistor
1 = STROBE
Input is active
high. Pulling
STROBE high
turns on Flash
current
(default)
1 = STROBE
Input enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com