Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM3559TLX/NOPB Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM3559TLX/NOPB
Description  Synchronous Boost Flash Driver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3559TLX/NOPB Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM3559TLX/NOPB Datasheet HTML 5Page - Texas Instruments LM3559TLX/NOPB Datasheet HTML 6Page - Texas Instruments LM3559TLX/NOPB Datasheet HTML 7Page - Texas Instruments LM3559TLX/NOPB Datasheet HTML 8Page - Texas Instruments LM3559TLX/NOPB Datasheet HTML 9Page - Texas Instruments LM3559TLX/NOPB Datasheet HTML 10Page - Texas Instruments LM3559TLX/NOPB Datasheet HTML 11Page - Texas Instruments LM3559TLX/NOPB Datasheet HTML 12Page - Texas Instruments LM3559TLX/NOPB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
2.5
3.0
3.5
4.0
4.5
5.0
Vin (V)
0.480
0.450
0.420
0.390
0.360
0.330
0.300
0.270
Code (0x64)
Code (0x6B)
Code (0x76)
Code (0x7F)
2.5
3.0
3.5
4.0
4.5
5.0
Vin(V)
0.285
0.255
0.225
0.195
0.165
0.135
0.105
0.075
0.045
Code (0x00)
Code (0x49)
Code (0x52)
Code (0x5B)
2.5
3.0
3.5
4.0
4.5
5.0
Vin(V)
1.900
1.850
1.800
1.750
1.700
1.650
1.600
1.550
1.500
1.450
1.400
1.350
1.300
1.250
Code (0xBB)
Code (0xEE)
Code (0xFF)
Code (0xDD)
Code (0xCC)
2.5
3.0
3.5
4.0
4.5
5.0
Vin(V)
1.300
1.250
1.200
1.150
1.100
1.050
1.000
0.950
0.900
0.850
0.800
0.750
0.700
0.650
0.600
Code (0x77)
Code (0x88)
Code (0xAA)
Code (0x66)
Code (0x99)
9
LM3559
www.ti.com
SNVS624B – JUNE 2011 – REVISED JUNE 2016
Product Folder Links: LM3559
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
Unless otherwise specified: VIN = 3.6 V, COUT = 10 µF, CIN = 10 µF, L = 1 µH (TOKO FDSD0312-1R0, RL = 43 mΩ),
Figure 43.
Upper 5 Flash Brightness Codes
Figure 13. ILED (Flash Mode) vs VIN LED1 and LED2
Connected Together
Middle 5 Flash Brightness Codes
Figure 14. ILED (Flash Mode) vs VIN LED1 and LED2
Connected Together
Upper 4 Torch Brightness Codes
Figure 15. ILED (Torch Mode) vs VIN LED1 and LED2
Connected Together
Lower 4 Torch Brightness Codes
Figure 16. ILED (Torch Mode) vs VIN LED1 and LED2
Connected Together
Figure 17. Strobe High-to-Flash LED Current
Figure 18. VIN Monitor Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com