Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM3561TMX/NOPB Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # LM3561TMX/NOPB
Description  Synchronous Boost Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3561TMX/NOPB Datasheet(HTML) 30 Page - Texas Instruments

Back Button LM3561TMX/NOPB Datasheet HTML 26Page - Texas Instruments LM3561TMX/NOPB Datasheet HTML 27Page - Texas Instruments LM3561TMX/NOPB Datasheet HTML 28Page - Texas Instruments LM3561TMX/NOPB Datasheet HTML 29Page - Texas Instruments LM3561TMX/NOPB Datasheet HTML 30Page - Texas Instruments LM3561TMX/NOPB Datasheet HTML 31Page - Texas Instruments LM3561TMX/NOPB Datasheet HTML 32Page - Texas Instruments LM3561TMX/NOPB Datasheet HTML 33Page - Texas Instruments LM3561TMX/NOPB Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 37 page
background image
C
°
x 298
E
C
°
273
-
C
T
=
° )
(
+ E
LN
C x
°
298
»
¼
º
«
¬
ª
(
V
V
TRIP
BIAS
x
-
)
R
C
°
25
RBIAS
V
TRIP x
30
Temperature (°C)
60
50
60
70
80
90
100
2
1.8
1.6
1.4
1.2
1
0.8
0.6
0.4
0.2
0
=
(T
R
)
x
:
=
k
10
e
-
+
298
1
273
93
1
E
»
¼
º
1.215 k
:
RBIAS is then:
=
V
1
(
)
V
- 1
V
x 1.8
1.215 k
:
972
:
LM3561
SNOSB44C – MARCH 2011 – REVISED MAY 2013
www.ti.com
where R(T)TRIP is the thermistor's value at the temperature trip point, VBIAS is the bias voltage for the thermistor
circuit, and VTRIP = 1V (typical). Choosing RBIAS here gives a more linear response around the temperature trip
voltage. For example with VBIAS = 1.8V and a thermistor whose nominal value at +25°C is 10kΩ and a β =
3380K, the trip point is chosen to be +93°C. The value of R(T) at 93°C is:
(6)
Figure 39 shows the linearity of the thermistor resistive divider of the previous example.
Figure 39. Thermistor Resistive Divider Response vs Temperature
VLEDI/NTC vs Temp (VBIAS = 1.8V, THERMISTOR = 10kΩ at +25C, β = 3380, RBIAS =972Ω)
Another useful equation for the thermistor resistive divider is developed by combining the equations for RBIAS,
and R(T) and solving for temperature. This gives the following relationship.
(7)
Using a spreadsheet such as Excel, different curves for the temperature trip point T(°C) can be created vs RBIAS,
Beta, or VBIAS in order to help better choose the thermal components for practical values of thermistors, series
resistors (R3), or reference voltages VBIAS.
NTC THERMISTOR PLACEMENT
The termination of the thermistor must be done directly to the cathode of the Flash LED in order to adequately
couple the heat from the LED into the thermistor. Consequentially, the noisy environment generated from the
switching of the LM3561's boost converter can introduce noise from GND into the thermistor sensing input. To
filter out this noise it is necessary to place a 0.1µF or larger ceramic capacitor close to the LEDI/NTC pin. The
filter capacitor's return must also connect with a low-impedance trace, as close as possible to the GND pin of the
LM3561.
30
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LM3561



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com