Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IXYA20N65C3D1 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXYA20N65C3D1
Description  XPTTM 650V IGBT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXYA20N65C3D1 Datasheet(HTML) 1 Page - IXYS Corporation

  IXYA20N65C3D1 Datasheet HTML 1Page - IXYS Corporation IXYA20N65C3D1 Datasheet HTML 2Page - IXYS Corporation IXYA20N65C3D1 Datasheet HTML 3Page - IXYS Corporation IXYA20N65C3D1 Datasheet HTML 4Page - IXYS Corporation IXYA20N65C3D1 Datasheet HTML 5Page - IXYS Corporation IXYA20N65C3D1 Datasheet HTML 6Page - IXYS Corporation IXYA20N65C3D1 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© 2015 IXYS CORPORATION, All Rights Reserved
V
CES
= 650V
I
C110
= 20A
V
CE(sat) 



 2.50V
t
fi(typ)
= 28ns
DS100576C(3/15)
Extreme Light Punch Through
IGBT for 20-60kHz Switching
Symbol
Test Conditions
Characteristic Values
(T
J = 25C, Unless Otherwise Specified)
Min.
Typ.
Max.
BV
CES
I
C
= 250
A, V
GE = 0V
650
V
V
GE(th)
I
C
= 250
A, V
CE = VGE
3.5
6.0
V
I
CES
V
CE = VCES, VGE = 0V
10
A
T
J = 150C
400
A
I
GES
V
CE = 0V, VGE = 20V
100 nA
V
CE(sat)
I
C
= 20A, V
GE = 15V, Note 1
2.27
2.50
V
T
J = 150C
2.44
V
Symbol
Test Conditions
Maximum Ratings
V
CES
T
J
= 25°C to 175°C
650
V
V
CGR
T
J
= 25°C to 175°C, R
GE = 1M
650
V
V
GES
Continuous
±20
V
V
GEM
Transient
±30
V
I
C25
T
C
= 25°C
50
A
I
C110
T
C
= 110°C
20
A
I
F110
T
C
= 110°C
18
A
I
CM
T
C
= 25°C, 1ms
105
A
I
A
T
C
= 25°C
10
A
E
AS
T
C
= 25°C
200
mJ
SSOA
V
GE = 15V, TVJ = 150°C, RG = 20
I
CM = 40
A
(RBSOA)
Clamped Inductive Load
V
CE VCES
t
sc
V
GE = 15V, VCE = 360V, TJ = 150°C
10
μs
(SCSOA)
R
G
= 82
, Non Repetitive
P
C
T
C
= 25°C
200
W
T
J
-55 ... +175
°C
T
JM
175
°C
T
stg
-55 ... +175
°C
T
L
Maximum Lead Temperature for Soldering
300
°C
T
SOLD
1.6 mm (0.062in.) from Case for 10s
260
°C
M
d
Mounting Torque (TO-220)
1.13/10
Nm/lb.in
F
C
Mounting Force (TO-263)
10..65 / 2.2..14.6
N/lb
Weight
TO-263
2.5
g
TO-220
3.0
g
XPTTM 650V IGBT
GenX3TM w/Diode
IXYA20N65C3D1
IXYP20N65C3D1
Features
Optimized for 20-60kHz Switching
Square RBSOA
Avalanche Rated
Anti-Parallel Fast Diode
Short Circuit Capability
International Standard Packages
Advantages
High Power Density
Extremely Rugged
Low Gate Drive Requirement
Applications
Power Inverters
UPS
Motor Drives
SMPS
PFC Circuits
Battery Chargers
Welding Machines
Lamp Ballasts
High Frequency Power Inverters
G = Gate
C
= Collector
E = Emitter
Tab = Collector
TO-263 AA (IXYA)
G
C E
TO-220AB (IXYP)
G
E
C (Tab)
C (Tab)


Similar Part No. - IXYA20N65C3D1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXYA20N65C3D1 IXYS-IXYA20N65C3D1 Datasheet
248Kb / 7P
XPTTM 650V IGBT
More results

Similar Description - IXYA20N65C3D1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXXH30N60C3 IXYS-IXXH30N60C3 Datasheet
212Kb / 6P
XPTTM 600V IGBT
IXXH110N65C4 IXYS-IXXH110N65C4 Datasheet
166Kb / 6P
XPTTM 650V IGBT
IXXH40N65B4H1 IXYS-IXXH40N65B4H1 Datasheet
181Kb / 8P
XPTTM 650V IGBT
IXXH75N60C3D1 IXYS-IXXH75N60C3D1 Datasheet
193Kb / 7P
XPTTM 600V IGBT
IXXH80N65B4H1 IXYS-IXXH80N65B4H1 Datasheet
217Kb / 7P
XPTTM 650V IGBT
IXXK110N65B4H1 IXYS-IXXK110N65B4H1 Datasheet
267Kb / 7P
XPTTM 650V GenX4TM
IXXN110N65B4H1 IXYS-IXXN110N65B4H1 Datasheet
223Kb / 7P
XPTTM 650V GenX4TM
IXXN110N65C4H1 IXYS-IXXN110N65C4H1 Datasheet
217Kb / 7P
XPTTM 650V GenX4TM
IXXR110N65B4H1 IXYS-IXXR110N65B4H1 Datasheet
240Kb / 7P
XPTTM 650V GenX4TM
IXYA20N65C3D1 IXYS-IXYA20N65C3D1 Datasheet
248Kb / 7P
XPTTM 650V IGBT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com