Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IXYA20N65C3D1 Datasheet(PDF) 5 Page - IXYS Corporation

Part # IXYA20N65C3D1
Description  XPTTM 650V IGBT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXYA20N65C3D1 Datasheet(HTML) 5 Page - IXYS Corporation

  IXYA20N65C3D1 Datasheet HTML 1Page - IXYS Corporation IXYA20N65C3D1 Datasheet HTML 2Page - IXYS Corporation IXYA20N65C3D1 Datasheet HTML 3Page - IXYS Corporation IXYA20N65C3D1 Datasheet HTML 4Page - IXYS Corporation IXYA20N65C3D1 Datasheet HTML 5Page - IXYS Corporation IXYA20N65C3D1 Datasheet HTML 6Page - IXYS Corporation IXYA20N65C3D1 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
© 2015 IXYS CORPORATION, All Rights Reserved
Fig. 13. Inductive Switching Energy Loss vs.
Gate Resistance
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
20
30
40
50
60
70
80
90
100
RG - Ohms
0
1
2
3
4
5
6
7
Eoff
Eon - - - -
TJ = 150ºC , VGE = 15V
VCE = 400V
I C = 20A
I C = 40A
Fig. 16. Inductive Turn-off Switching Times vs.
Gate Resistance
20
25
30
35
40
45
50
55
20
30
40
50
60
70
80
90
100
RG - Ohms
60
90
120
150
180
210
240
270
t f i
td(off) - - - -
TJ = 150ºC, VGE = 15V
VCE = 400V
I C = 20A
I C = 40A
Fig. 14. Inductive Switching Energy Loss vs.
Collector Current
0.0
0.2
0.4
0.6
0.8
1.0
1.2
10
15
20
25
30
35
40
IC - Amperes
0.0
0.4
0.8
1.2
1.6
2.0
2.4
Eoff
Eon - - - -
RG = 20Ω , VGE = 15V
VCE = 400V
TJ = 150ºC
TJ = 25ºC
Fig. 15. Inductive Switching Energy Loss vs.
Junction Temperature
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
25
50
75
100
125
150
TJ - Degrees Centigrade
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Eoff
Eon - - - -
RG = 20Ω , VGE = 15V
VCE = 400V
IC = 20A
I C = 40A
Fig. 17. Inductive Turn-off Switching Times vs.
Collector Current
20
25
30
35
40
45
50
55
10
15
20
25
30
35
40
IC - Amperes
60
70
80
90
100
110
120
130
t f i
td(off) - - - -
RG = 20Ω , VGE = 15V
VCE = 400V
TJ = 150ºC
TJ = 25ºC
Fig. 18. Inductive Turn-off Switching Times vs.
Junction Temperature
20
24
28
32
36
40
44
25
50
75
100
125
150
TJ - Degrees Centigrade
64
72
80
88
96
104
112
t f i
td(off) - - - -
RG = 20Ω , VGE = 15V
VCE = 400V
I C = 20A
I C = 40A
IXYA20N65C3D1
IXYP20N65C3D1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com