Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM4879ITL/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Part # LM4879ITL/NOPB
Description  1.1 Watt Audio Power Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4879ITL/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LM4879ITL/NOPB Datasheet HTML 1Page - Texas Instruments LM4879ITL/NOPB Datasheet HTML 2Page - Texas Instruments LM4879ITL/NOPB Datasheet HTML 3Page - Texas Instruments LM4879ITL/NOPB Datasheet HTML 4Page - Texas Instruments LM4879ITL/NOPB Datasheet HTML 5Page - Texas Instruments LM4879ITL/NOPB Datasheet HTML 6Page - Texas Instruments LM4879ITL/NOPB Datasheet HTML 7Page - Texas Instruments LM4879ITL/NOPB Datasheet HTML 8Page - Texas Instruments LM4879ITL/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
LM4879, LM4879MMBD, LM4879SDBD
www.ti.com
SNAS142G – SEPTEMBER 2001 – REVISED MAY 2013
ELECTRICAL CHARACTERISTICS VDD = 5V
(1) (2)
The following specifications apply for the circuit shown in Figure 1 unless otherwise specified. Limits apply for TA = 25°C.
LM4879
Units
Parameter
Test Conditions
(Limits)
Typ(3)
Limit(4)(5)
IDD
Quiescent Power Supply Current
VIN = 0V, 8Ω BTL
5
10
mA (max)
ISD
Shutdown Current
Vshutdown = GND
0.1
2.0
µA (max)
VOS
Output Offset Voltage
5
40
mV (max)
Po
Output Power
THD+N = 1% (max); f = 1kHz
1.1
0.9
W (min)
THD+N
Total Harmonic Distortion+Noise
Po = 0.4Wrms; f = 1kHz
0.1
%
Vripple = 200mVsine p-p, CB = 1.0µF
68 (f = 1kHz)
PSRR
Power Supply Rejection Ratio
55
dB (min)
62 (f = 217Hz)
Input terminated with 10
Ω to ground
VSDIH
Shutdown High Input Voltage
1.4
V (min)
VSDIL
Shutdown Low Input Voltage
0.4
V (max)
TWU
Wake-up Time
CB = 1.0µF
80
110
ms (max)
A-Weighted; Measured across 8
Ω BTL
NOUT
Output Noise
26
µVRMS
Input terminated with 10
Ω to ground
(1)
All voltages are measured with respect to the ground pin, unless otherwise specified.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions which ensure specific performance limits. This assumes that the device is within the
Operating Ratings. Specifications are not ensured for parameters where no limit is given, however, the typical value is a good indication
of device performance.
(3)
Typicals are measured at 25°C and represent the parametric norm.
(4)
Limits are specified to TI's AOQL (Average Outgoing Quality Level).
(5)
For DSBGA only, shutdown current is measured in a Normal Room Environment. Exposure to direct sunlight will increase ISD by a
maximum of 2µA.
ELECTRICAL CHARACTERISTICS VDD = 3.0V
(1) (2)
The following specifications apply for the circuit shown in Figure 1 unless otherwise specified. Limits apply for TA = 25°C.
LM4879
Units
Parameter
Test Conditions
(Limits)
Typ(3)
Limit(4)(5)
IDD
Quiescent Power Supply Current
VIN = 0V, 8Ω BTL
4.5
9
mA (max)
ISD
Shutdown Current
Vshutdown = GND
0.1
2.0
µA (max)
VOS
Output Offset Voltage
5
40
mV (max)
Po
Output Power
THD+N = 1% (max); f = 1kHz
350
320
mW
THD+N
Total Harmonic Distortion+Noise
Po = 0.15Wrms; f = 1kHz
0.1
%
Vripple = 200mVsine p-p, CB = 1.0µF
68 (f = 1kHz)
PSRR
Power Supply Rejection Ratio
55
dB (min)
62 (f = 217Hz)
Input terminated with 10
Ω to ground
VSDIH
Shutdown High Input Voltage
1.4
V (min)
VSDIL
Shutdown Low Input Voltage
0.4
V (max)
TWU
Wake-up Time
CB = 1.0µF
80
110
ms (max)
A-Weighted; Measured across 8
Ω
NOUT
Output Noise
BTL
26
µVRMS
Input terminated with 10
Ω to ground
(1)
All voltages are measured with respect to the ground pin, unless otherwise specified.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions which ensure specific performance limits. This assumes that the device is within the
Operating Ratings. Specifications are not ensured for parameters where no limit is given, however, the typical value is a good indication
of device performance.
(3)
Typicals are measured at 25°C and represent the parametric norm.
(4)
Limits are specified to TI's AOQL (Average Outgoing Quality Level).
(5)
For DSBGA only, shutdown current is measured in a Normal Room Environment. Exposure to direct sunlight will increase ISD by a
maximum of 2µA.
Copyright © 2001–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM4879 LM4879MMBD LM4879SDBD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com