Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM4879ITL/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Part # LM4879ITL/NOPB
Description  1.1 Watt Audio Power Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4879ITL/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM4879ITL/NOPB Datasheet HTML 6Page - Texas Instruments LM4879ITL/NOPB Datasheet HTML 7Page - Texas Instruments LM4879ITL/NOPB Datasheet HTML 8Page - Texas Instruments LM4879ITL/NOPB Datasheet HTML 9Page - Texas Instruments LM4879ITL/NOPB Datasheet HTML 10Page - Texas Instruments LM4879ITL/NOPB Datasheet HTML 11Page - Texas Instruments LM4879ITL/NOPB Datasheet HTML 12Page - Texas Instruments LM4879ITL/NOPB Datasheet HTML 13Page - Texas Instruments LM4879ITL/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
0
20
40
60
80
100 120 140 160
AMBIENT TEMPERATURE (qC)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
4 in
2
Heatsink Area
1 in
2
Heatsink Area
2 in
2
Heatsink Area
No
Heatsink
LM4879, LM4879MMBD, LM4879SDBD
SNAS142G – SEPTEMBER 2001 – REVISED MAY 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Power Derating - LLP
PDMAX = 670mV
Output Power
VDD = 5V, RL = 8
vs Supply Voltage
Figure 25.
Figure 26.
Output Power
Output Power
vs Supply Voltage
vs Load Resistance
Figure 27.
Figure 28.
Clipping (Dropout) Voltage
Supply Current
vs Supply Voltage
Shutdown Voltage
Figure 29.
Figure 30.
10
Submit Documentation Feedback
Copyright © 2001–2013, Texas Instruments Incorporated
Product Folder Links: LM4879 LM4879MMBD LM4879SDBD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com