Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM48557TL/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM48557TL/NOPB
Description  Mono, Bridge-Tied Load, Ceramic Speaker Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM48557TL/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM48557TL/NOPB Datasheet HTML 3Page - Texas Instruments LM48557TL/NOPB Datasheet HTML 4Page - Texas Instruments LM48557TL/NOPB Datasheet HTML 5Page - Texas Instruments LM48557TL/NOPB Datasheet HTML 6Page - Texas Instruments LM48557TL/NOPB Datasheet HTML 7Page - Texas Instruments LM48557TL/NOPB Datasheet HTML 8Page - Texas Instruments LM48557TL/NOPB Datasheet HTML 9Page - Texas Instruments LM48557TL/NOPB Datasheet HTML 10Page - Texas Instruments LM48557TL/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
0
200
400
600
800
1000
0
1
2
3
4
5
6
OUTPUT VOLTAGE (VRMS)
f = 1kHz
f = 10kHz
0
200
400
600
800
1000
1200
1400
0
1
2
3
4
5
6
7
OUTPUT VOLTAGE (VRMS)
f = 1kHz
f = 10kHz
2
8
4
6
20
20k
50 100 200 500 1k
2k
5k 10k
0
FREQUENCY (Hz)
0.001
100
0.01
0.1
1
10
10m
10
20m
100m 200m
1
2
5
OUTPUT VOLTAGE (VRMS)
VDD = 3.6V
VDD = 4.2V
0.01
10
0.1
1
20
20k
100
500 1k
5k 10k
200
2k
FREQUENCY (Hz)
0.01
10
0.1
1
20
20k
100
500 1k
5k 10k
200
2k
FREQUENCY (Hz)
VO = 4VRMS
VO = 3VRMS
LM48557
www.ti.com
SNAS486D – JULY 2009 – REVISED MAY 2013
Typical Performance Characteristics
THD+N vs Frequency
THD+N vs Frequency
VDD = 3.6V, ZL = 1µF + 22Ω
VDD = 4.2V, ZL = 1µF + 22Ω
AV = 48dB, VO = 2.5V
AV = 48dB
Figure 6.
Figure 7.
Output Voltage vs Frequency
THD+N vs Output Voltage
VDD = 4.2V, ZL = 1µF + 22Ω
ZL = 1µF + 22Ω, AV = 0dB
THD+N = 1%
Figure 8.
Figure 9.
Power Consumption vs Output Voltage
Power Consumption vs Output Voltage
VDD = 3.6V, ZL = 1µF + 22Ω
VDD = 4.2V, ZL = 1µF + 22Ω
Figure 10.
Figure 11.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM48557



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com