Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM48557TL/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM48557TL/NOPB
Description  Mono, Bridge-Tied Load, Ceramic Speaker Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM48557TL/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM48557TL/NOPB Datasheet HTML 1Page - Texas Instruments LM48557TL/NOPB Datasheet HTML 2Page - Texas Instruments LM48557TL/NOPB Datasheet HTML 3Page - Texas Instruments LM48557TL/NOPB Datasheet HTML 4Page - Texas Instruments LM48557TL/NOPB Datasheet HTML 5Page - Texas Instruments LM48557TL/NOPB Datasheet HTML 6Page - Texas Instruments LM48557TL/NOPB Datasheet HTML 7Page - Texas Instruments LM48557TL/NOPB Datasheet HTML 8Page - Texas Instruments LM48557TL/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
LM48557
www.ti.com
SNAS486D – JULY 2009 – REVISED MAY 2013
LM48557 Boomer™ Mono, Bridge-Tied Load, Ceramic Speaker Driver with I2C Volume
Control and Reset
Check for Samples: LM48557
1
FEATURES
DESCRIPTION
The LM48557 is a single supply, mono, ceramic
23
•
Integrated Charge Pump
speaker driver with an integrated charge-pump,
•
Bridge-Tied Load Output
designed for portable devices, such as cell phones
•
Differential Input
and portable media players, where board space is at
a premium. The LM48557 charge pump allows the
•
High PSRR
device to deliver 5.8VRMS from a single 4.2V supply.
•
I2C Volume and Mode Control
The LM48557 features high power supply rejection
•
Reset Input
ratio (PSRR), 80dB at 217Hz, allowing the device to
•
Advanced Click-and-Pop Suppression
operate in noisy environments without additional
•
Low Supply Current
power supply conditioning. Flexible power supply
requirements allow operation from 2.7V to 4.5V. The
•
Minimum External Components
LM48557 features an active low reset input that
•
Micro-Power Shutdown
reverts the device to its default state. Additionally, the
•
Available in Space-Saving 16-Bump DSBGA
LM48557 features a 36-step I2C volume control and
Package
mute function. The low power Shutdown mode
reduces supply current consumption to 0.01µA.
APPLICATIONS
The LM48557’s superior click and pop suppression
•
Mobile Phones
eliminates audible transients on power-up/down and
during shutdown. The LM48557 is available in an
•
PDAs
ultra-small 16-bump DSBGA package (1.965mm x
•
Notebook Electronic Devices
1.965mm).
•
MP3 Players
KEY APPLICATIONS
•
Output Voltage at VDD = 4.2V
–
RL = 1µF +22Ω, THD+N ≤ 1%: 5.8 VRMS (Typ)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Boomer is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM48557TL/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM48557TL/NOPB TI2-LM48557TL/NOPB Datasheet
776Kb / 26P
LM48557 Boomer™ Mono, Bridge-Tied Load, Ceramic Speaker Driver with I2C Volume Control and Reset
REVISED MAY 2013
LM48557TL/NOPB.A TI2-LM48557TL/NOPB.A Datasheet
776Kb / 26P
LM48557 Boomer™ Mono, Bridge-Tied Load, Ceramic Speaker Driver with I2C Volume Control and Reset
REVISED MAY 2013
More results

Similar Description - LM48557TL/NOPB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8941P PHILIPS-TDA8941P Datasheet
370Kb / 21P
1.5 W mono Bridge Tied Load BTL audio amplifier
Rev. 02 -7 April 2000
TDA8943SF PHILIPS-TDA8943SF Datasheet
358Kb / 20P
6 W mono Bridge Tied Load BTL audio amplifier
Rev. 02 -7 April 2000
TDA8945S PHILIPS-TDA8945S Datasheet
363Kb / 21P
15 W mono Bridge Tied Load BTL audio amplifier
Rev. 02 -7 April 2000
logo
National Semiconductor ...
LM48557 NSC-LM48557 Datasheet
620Kb / 24P
Mono, Bridge-Tied Load, Ceramic Speaker Driver with I2C Volume Control and Reset
LM48556 NSC-LM48556 Datasheet
1Mb / 20P
Fully Differential, Mono, Ceramic Speaker Driver
LM48823 NSC-LM48823 Datasheet
512Kb / 20P
Mono, Bridge-Tied Load, Ceramic Speaker Driver with I2C Volume Control and Reset
logo
Eutech Microelectronics...
EUA6288 EUTECH-EUA6288 Datasheet
131Kb / 1P
14VP-P, Mono, Class G Ceramic Speaker Driver
logo
Texas Instruments
LM48556 TI1-LM48556_14 Datasheet
1Mb / 23P
Fully Differential, Mono, Ceramic Speaker Driver
LM48556 TI1-LM48556 Datasheet
1Mb / 22P
Fully Differential, Mono, Ceramic Speaker Driver
LM48823 TI1-LM48823 Datasheet
979Kb / 22P
Mono, Bridge-Tied Load, Ceramic Speaker Driver with I2C Volume Control and Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com