Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM46000PWPR Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM46000PWPR
Description  LM46000 SIMPLE SWITCHER짰 3.5 V to 60 V 0.5 A Synchronous Step-Down Voltage Converter
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM46000PWPR Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM46000PWPR Datasheet HTML 17Page - Texas Instruments LM46000PWPR Datasheet HTML 18Page - Texas Instruments LM46000PWPR Datasheet HTML 19Page - Texas Instruments LM46000PWPR Datasheet HTML 20Page - Texas Instruments LM46000PWPR Datasheet HTML 21Page - Texas Instruments LM46000PWPR Datasheet HTML 22Page - Texas Instruments LM46000PWPR Datasheet HTML 23Page - Texas Instruments LM46000PWPR Datasheet HTML 24Page - Texas Instruments LM46000PWPR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
FB
RFBT
RFBB
CFF
VOUT
10000
100000
1000000
5.0
5.2
5.4
5.6
5.8
6.0
6.2
6.4
6.6
6.8
7.0
VIN (V)
Load = 0.01 A
Load = 0.1 A
Load = 0.5 A
C001
LM46000
www.ti.com
SNVSA45A – JUNE 2014 – REVISED JULY 2014
Feature Description (continued)
Given fixed TON-MIN and TOFF-MIN, the higher the switching frequency the narrower the range of the allowed duty
cycle. In the LM46000, frequency foldback scheme is employed to extend the maximum duty cycle when TOFF-MIN
is reached. The switching frequency will decrease once longer duty cycle is needed under low VIN conditions.
The switching frequency can be decreased to approximately 1/10 of the programmed frequency by RT or the
synchronization clock. Such wide range of frequency foldback allows the LM46000 output voltage to stay in
regulation with a much lower supply voltage VIN. This leads to a lower effective drop-out voltage. Please refer to
Typical Characteristics for more details.
Given an output voltage, the choice of the switching frequency affects the allowed input voltage range, solution
size and efficiency. The maximum operatable supply voltage can be found by
VIN-MAX = VOUT / (FS * TON-MIN )
(6)
At lower supply voltage, the switching frequency will decrease once TOFF-MIN is tripped. The minimum VIN without
frequency foldback can be approximated by
VIN-MIN = VOUT / (1 - FS * TOFF-MIN )
(7)
Taking considerations of power losses in the system with heavy load operation, VIN-MIN is higher than the result
calculated in Equation 7 . With frequency foldback, VIN-MIN is lowered by decreased FS. Figure 42 gives an
example of how FS decreases with decreasing supply voltage VIN at drop-out operation.
Figure 42. Switching Frequency Decreases in Drop-Out Operation
VOUT = 5 V FS = 1 MHz
7.3.9 Internal Compensation and CFF
The LM46000 is internally compensated with RC = 400 kΩ and CC = 50 pF as shown in Functional Block
Diagram. The internal compensation is designed such that the loop response is stable over the entire operating
frequency and output voltage range. Depending on the output voltage, the compensation loop phase margin can
be low with all ceramic capacitors. An external feed-forward cap CFF is recommended to be placed in parallel
with the top resistor divider RFBT for optimum transient performance.
Figure 43. Feed-Forward Capacitor for Loop Compensation
The feed-forward capacitor CFF in parallel with RFBT places an additional zero before the cross over frequency of
the control loop to boost phase margin. The zero frequency can be found by
fZ-CFF = 1 / ( 2π × RFBT × CFF ).
(8)
An additional pole is also introduced with CFF at the frequency of
fP-CFF = 1 / ( 2π × CFF × ( RFBT // RFBB )).
(9)
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM46000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com