Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM46000PWPR Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # LM46000PWPR
Description  LM46000 SIMPLE SWITCHER짰 3.5 V to 60 V 0.5 A Synchronous Step-Down Voltage Converter
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM46000PWPR Datasheet(HTML) 39 Page - Texas Instruments

Back Button LM46000PWPR Datasheet HTML 35Page - Texas Instruments LM46000PWPR Datasheet HTML 36Page - Texas Instruments LM46000PWPR Datasheet HTML 37Page - Texas Instruments LM46000PWPR Datasheet HTML 38Page - Texas Instruments LM46000PWPR Datasheet HTML 39Page - Texas Instruments LM46000PWPR Datasheet HTML 40Page - Texas Instruments LM46000PWPR Datasheet HTML 41Page - Texas Instruments LM46000PWPR Datasheet HTML 42Page - Texas Instruments LM46000PWPR Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
PGOOD (2 V/DIV)
VOUT (2 V/DIV)
IL (250 mA/DIV)
Time (2 ms/DIV)
PGOOD (2 V/DIV)
VOUT (2 V/DIV)
IL (100 mA/DIV)
Time (2 ms/DIV)
SW (10 V/DIV)
VOUT (5 mV/DIV)
IL (500 mA/DIV)
Time (500 µs/DIV)
PGOOD (2 V/DIV)
VOUT (2 V/DIV)
IL (500 mA/DIV)
Time (2 ms/DIV)
SW (10 V/DIV)
VOUT (5 mV/DIV)
IL (500 mA/DIV)
Time (2 µs/DIV)
SW (10 V/DIV)
VOUT (5 mV/DIV)
IL (500 mA/DIV)
Time (2 µs/DIV)
LM46000
www.ti.com
SNVSA45A – JUNE 2014 – REVISED JULY 2014
Please refer to Table 2 for Bill of materials for each VOUT and FS combination. Unless otherwise stated, application
performance curves were taken at TA = 25 °C.
VOUT = 3.3 V
FS = 500 kHz
IOUT = 0.5A
VOUT = 3.3 V
FS = 500 kHz
IOUT = 40 mA
Figure 89. Switching Waveform in CCM Operation
Figure 90. Switching Waveform in DCM Operation
VOUT = 3.3 V
FS = 500 kHz
IOUT = 0 mA
VIN = 24 V
VOUT = 3.3 V
RLOAD = 6.6 Ω
Figure 91. Switching Waveform in PFM Operation
Figure 92. Startup Into Full Load with Internal Soft-Start
Rate
VIN = 24 V
VOUT = 3.3 V
RLOAD = 13.2 Ω
VIN = 24 V
VOUT = 3.3 V
RLOAD = 33 Ω
Figure 93. Startup Into Half Load with Internal Soft-Start
Figure 94. Startup Into 100 mA with Internal Soft-Start Rate
Rate
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Links: LM46000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com