Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM4906MM/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM4906MM/NOPB
Description  1W, Bypass-Capacitor-less Audio Amplifier with Internal Selectable Gain
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4906MM/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LM4906MM/NOPB Datasheet HTML 1Page - Texas Instruments LM4906MM/NOPB Datasheet HTML 2Page - Texas Instruments LM4906MM/NOPB Datasheet HTML 3Page - Texas Instruments LM4906MM/NOPB Datasheet HTML 4Page - Texas Instruments LM4906MM/NOPB Datasheet HTML 5Page - Texas Instruments LM4906MM/NOPB Datasheet HTML 6Page - Texas Instruments LM4906MM/NOPB Datasheet HTML 7Page - Texas Instruments LM4906MM/NOPB Datasheet HTML 8Page - Texas Instruments LM4906MM/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
LM4906, LM4906LDBD, LM4906MMBD
SNAS191E – APRIL 2003 – REVISED MAY 2013
www.ti.com
Typical Application
Figure 1. Typical Audio Amplifier Application Circuit
Connection Diagram
Figure 2. VSSOP Package (Top View)
Figure 3. WSON Package (Top View)
See Package Number DGK
See Package Number NGZ
LM4906GR Pin Designation
Pin (Bump) Number
Pin Function
A1
Shutdown
A2
No Connect
A3
VO2
A4
No Connect
B1
GND
B2
No Connect
B3
GND
B4
GND
C1
Gain Select
C2
IN
C3
No Connect
2
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LM4906 LM4906LDBD LM4906MMBD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com