Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM4906MM/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM4906MM/NOPB
Description  1W, Bypass-Capacitor-less Audio Amplifier with Internal Selectable Gain
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4906MM/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM4906MM/NOPB Datasheet HTML 3Page - Texas Instruments LM4906MM/NOPB Datasheet HTML 4Page - Texas Instruments LM4906MM/NOPB Datasheet HTML 5Page - Texas Instruments LM4906MM/NOPB Datasheet HTML 6Page - Texas Instruments LM4906MM/NOPB Datasheet HTML 7Page - Texas Instruments LM4906MM/NOPB Datasheet HTML 8Page - Texas Instruments LM4906MM/NOPB Datasheet HTML 9Page - Texas Instruments LM4906MM/NOPB Datasheet HTML 10Page - Texas Instruments LM4906MM/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
0.0
1.0
2.0
3.0
4.0
SHUTDOWN VOLTAGE (V)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0.0
1.0
2.0
3.0
4.0
SHUTDOWN VOLTAGE (V)
0.00 0.05 0.10 0.15 0.20 0.25 0.30 0.35 0.40
OUTPUT POWER (W)
0.00
0.05
0.10
0.15
0.20
0.25
0.0
0.2
0.4
0.6
0.8
1.0
1.2
OUTPUT POWER (W)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
LM4906, LM4906LDBD, LM4906MMBD
www.ti.com
SNAS191E – APRIL 2003 – REVISED MAY 2013
Typical Performance Characteristics (continued)
Noise Floor
VDD = 5V, RL = 8Ω
80kHz Bandwith, Input to GND
Power Derating Curve
Figure 10.
Figure 11.
Power Dissipation
Power Dissipation
vs Output Power, VDD = 3V, RL = 8Ω
vs Output Power, VDD = 5V, RL = 8Ω
Figure 12.
Figure 13.
Shutdown Hysteresis Voltage
Shutdown Hysteresis Voltage
VDD = 5V, SD Mode = VDD (High)
VDD = 5V, SD Mode = VDD (Low)
Figure 14.
Figure 15.
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM4906 LM4906LDBD LM4906MMBD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com