Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM4931ITL/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LM4931ITL/NOPB
Description  Audio Power Amplifier Series Audio Subsystem with Mono High Efficiency Loudspeaker and Stereo Headphone Amplifiers
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4931ITL/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM4931ITL/NOPB Datasheet HTML 4Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 5Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 6Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 7Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 8Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 9Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 10Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 11Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 50 page
background image
LM4931
SNAS251E – APRIL 2004 – REVISED MAY 2013
www.ti.com
Electrical Characteristics DVDD = 3.3V, AVDD = 5V, RLHP = 32Ω, RLHF = 8Ω
(1) (2)
The following specifications apply for the circuit shown in Figure 1, unless otherwise specified. Limits apply for TA= 25°C.
Symbol
Parameter
Conditions
LM4931
Units
(Limits)
Typical(3 Limits(4)
)
Power
Mode 0
DISD
Digital Shutdown Current
fMCLK = 12MHz
(5)
500
600
μA (max)
No MCLK
1
μA (max)
DIST
Digital Standby Current
Mode 1, fMCLK = 12MHz
500
1600
μA (max)
fMCLK = 12MHz
Mode 2, 3, 4
1.6
3.5
mA (max)
DIDD
Digital Power Supply Current
Mode 5, 6, 7
3.5
8
mA (max)
Mode 8, 9, 10
4.0
8
mA (max)
PLLIDD
PLL Quiescent Current
fMCLK = 12MHz
3.3
4
mA (max)
AIDD
Analog Shutdown Current
Mode 0, No Load
0.6
3
μA (max)
AIST
Analog Standby Current
Mode 1, No Load
220
450
μA (max)
No Load
Mode 2
18.5
32
mA (max)
Mode 3
7.3
12
mA (max)
Mode 4
19.6
29
mA (max)
Analog Power Supply Quiescent
AIDD
Current
Mode 5
19.4
30
mA (max)
Mode 6
8.4
26
mA (max)
Mode 7
20.5
30
mA (max)
Mode 8, 9, 10
22
32
mA (max)
Loudspeaker Amplifier
VFS
Full-Scale Output Voltage (Mono
8
Ω load, 0dB gain setting
2.6
VP-P
speaker amplifie)r
THD+N
Total Harmonic Distortion + Noise
fOUT = 1kHz, POUT = 400mW
0.16
%
POLS
Loudspeaker Amplifier Output Power
THD = 1%, fOUT = 1kHz
1.1
W
PSRR
Power Supply Rejection Ratio
CB = 1.0µF
56
dB
(Loudspeaker Amplifier)
VRIPPLE = 200mVPP
fRIPPLE = 217Hz
Signal = VO at 0dBFS, f = 1kHz
Noise = digital zero, A-weighted
Signal-to-Noise Ratio of Voice
0dB gain setting(6)
SNR (Voice)
Channel (Loudspeaker Amplifier)
fMCLK = 12.288MHz, PLL disabled
70
dB
fMCLK = 12MHz, PLL active
69
dB
Signal = VO at 0dBFS, f = 1kHz
Noise = digital zero, A-weighted
Signal-to-Noise Ratio of Music
0dB gain setting(6)
SNR (Music)
Channel (Loudspeaker Amplifier)
fMCLK = 12.288MHz, PLL disabled
74
dB
fMCLK = 12MHz, PLL active
73
dB
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional but do not ensure specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions which ensure specific performance limits. This assumes that the device is within the
Operating Ratings. Specifications are not ensured for parameters where no limit is given, however, the typical value is a good indication
of device performance.
(2)
All voltages are measured with respect to the relevant GND pin unless otherwise specified. All grounds should be coupled as close as
possible to the device.
(3)
Typicals are measured at 25°C and represent the parametric norm.
(4)
Limits are ensured to TI’s AOQL (Average Outgoing Quality Level).
(5)
Digital shutdown current is measured with system clock set for PLL output while the PLL is disabled.
(6)
Disabling or bypassing the PLL will result in an improvement in noise measurements.
8
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM4931



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com