Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM48823TL/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM48823TL/NOPB
Description  Mono, Bridge-Tied Load, Ceramic Speaker Driver with I2C Volume Control and Reset
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM48823TL/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LM48823TL/NOPB Datasheet HTML 1Page - Texas Instruments LM48823TL/NOPB Datasheet HTML 2Page - Texas Instruments LM48823TL/NOPB Datasheet HTML 3Page - Texas Instruments LM48823TL/NOPB Datasheet HTML 4Page - Texas Instruments LM48823TL/NOPB Datasheet HTML 5Page - Texas Instruments LM48823TL/NOPB Datasheet HTML 6Page - Texas Instruments LM48823TL/NOPB Datasheet HTML 7Page - Texas Instruments LM48823TL/NOPB Datasheet HTML 8Page - Texas Instruments LM48823TL/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
3
2
1
INB
BYPASS
RESET
SDA
C1P
SGND
SCL
PGND
A
B
C
D
OUTA
C1N
4
INA
OUTB
SVDD
I
2
CVDD
PVDD
VSS
LM48823, LM48823TLEVAL
www.ti.com
SNAS464E – JUNE 2008 – REVISED OCTOBER 2010
Connection Diagram
YZR Package
2mm x 2mm x 0.8mm
Figure 2. Top View
See Package Number YZR 16
Bump Descriptions
Pin Designator
Pin Name
Pin Function
A1
SVDD
Signal Power Supply
A2
SGND
Signal Ground
A3
BYPASS
Amplifier Reference Bypass
A4
INA
Amplifier Inverting input A
B1
OUTA
Amplifier Inverting output A
B2
OUTB
Amplifier Non-Inverting Output B
Active Low Reset Input. Connect to VDD for normal operation.
B3
RESET
Toggle between VDD and GND to reset the device.
B4
INB
Amplifier Non-Inverting Input B
C1
VSS
Charge Pump Output
C2
SCL
I2C Serial Clock Input
C3
SDA
I2C Serial Data Input
C4
I2CVDD
I2C Supply Voltage
D1
C1N
Charge Pump Flying Capacitor Negative Terminal
D2
PGND
Power Ground
D3
C1P
Charge Pump Flying Capacitor Positive Terminal
D4
PVDD
Power Supply
Copyright © 2008–2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM48823 LM48823TLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com