Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM48823TL/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM48823TL/NOPB
Description  Mono, Bridge-Tied Load, Ceramic Speaker Driver with I2C Volume Control and Reset
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM48823TL/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM48823TL/NOPB Datasheet HTML 1Page - Texas Instruments LM48823TL/NOPB Datasheet HTML 2Page - Texas Instruments LM48823TL/NOPB Datasheet HTML 3Page - Texas Instruments LM48823TL/NOPB Datasheet HTML 4Page - Texas Instruments LM48823TL/NOPB Datasheet HTML 5Page - Texas Instruments LM48823TL/NOPB Datasheet HTML 6Page - Texas Instruments LM48823TL/NOPB Datasheet HTML 7Page - Texas Instruments LM48823TL/NOPB Datasheet HTML 8Page - Texas Instruments LM48823TL/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LM48823, LM48823TLEVAL
www.ti.com
SNAS464E – JUNE 2008 – REVISED OCTOBER 2010
LM48823
Mono, Bridge-Tied Load, Ceramic Speaker Driver with I2C Volume Control and Reset
Check for Samples: LM48823, LM48823TLEVAL
1
FEATURES
KEY SPECIFICATIONS
2
•
Integrated Charge Pump
•
Output Voltage at VDD = 4.2V, RL = 2.2µF + 15Ω
THD+N
≤ 1%: 5.4VRMS (typ)
•
Bridge-Tied Load Output
•
Quiescent Power Supply Current at 4.2V:
•
High PSRR
3.3mA (typ)
•
I2C Volume and Mode Control
•
PSRR at 217Hz: 93dB (typ)
•
Reset Input
•
Shutdown Current: 0.01
μA (typ)
•
Advanced Click-and-Pop Suppression
•
Low Supply Current
DESCRIPTION
•
Minimum External Components
The LM48823 is a single supply, mono, ceramic
•
Micro-Power Shutdown
speaker driver with an integrated charge-pump,
designed for portable devices, such as cell phones,
•
Available in Space-Saving 16-Bump DSBGA
where board space is at a premium. The LM48823
Package
charge pump allows the device to deliver 5.4VRMS
from a single 4.2V supply.
APPLICATIONS
The LM48823 features high power supply rejection
•
Cell Phones
ratio (PSRR), 93dB at 217Hz, allowing the device to
•
Smart Phones
operate in noisy environments without additional
power supply conditioning. Flexible power supply
•
Portable Media Devices
requirements allow operation from 2.0V to 4.5V. The
•
Notebook PCs
LM48823 features an active low reset input that
reverts the device to its default state. Additionally, the
LM48823 features a 32-step I2C volume control. The
low power Shutdown mode reduces supply current
consumption to 0.01µA.
The LM48823’s superior click and pop suppression
eliminates audible transients on power-up/down and
during shutdown. The LM48823 is available in an
ultra-small 16-bump DSBGA package (2mmx2mm).
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM48823TL/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM48823TL/NOPB TI2-LM48823TL/NOPB Datasheet
531Kb / 21P
LM48823 Mono, Bridge-Tied Load, Ceramic Speaker Driver with I2C Volume Control and Reset
REVISED OCTOBER 2010
LM48823TL/NOPB.A TI2-LM48823TL/NOPB.A Datasheet
531Kb / 21P
LM48823 Mono, Bridge-Tied Load, Ceramic Speaker Driver with I2C Volume Control and Reset
REVISED OCTOBER 2010
More results

Similar Description - LM48823TL/NOPB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8941P PHILIPS-TDA8941P Datasheet
370Kb / 21P
1.5 W mono Bridge Tied Load BTL audio amplifier
Rev. 02 -7 April 2000
TDA8943SF PHILIPS-TDA8943SF Datasheet
358Kb / 20P
6 W mono Bridge Tied Load BTL audio amplifier
Rev. 02 -7 April 2000
TDA8945S PHILIPS-TDA8945S Datasheet
363Kb / 21P
15 W mono Bridge Tied Load BTL audio amplifier
Rev. 02 -7 April 2000
logo
Maxim Integrated Produc...
MAX9768 MAXIM-MAX9768 Datasheet
332Kb / 25P
10W Mono Class D Speaker Amplifier with Volume Control
Rev 0; 9/07
MAX9768 MAXIM-MAX9768_08 Datasheet
487Kb / 26P
10W Mono Class D Speaker Amplifier with Volume Control
Rev 2; 11/08
logo
National Semiconductor ...
LM48557 NSC-LM48557 Datasheet
620Kb / 24P
Mono, Bridge-Tied Load, Ceramic Speaker Driver with I2C Volume Control and Reset
LM48823 NSC-LM48823 Datasheet
512Kb / 20P
Mono, Bridge-Tied Load, Ceramic Speaker Driver with I2C Volume Control and Reset
logo
Texas Instruments
LM48557 TI1-LM48557 Datasheet
1Mb / 26P
Mono, Bridge-Tied Load, Ceramic Speaker Driver
logo
Cirrus Logic
WM8974 CIRRUS-WM8974 Datasheet
2Mb / 89P
Mono CODEC with Speaker Driver
logo
Maxim Integrated Produc...
MAX9768 MAXIM-MAX9768_V01 Datasheet
1Mb / 23P
10W Mono Class D Speaker Amplifier with Volume Control
19-0854; Rev 5; 11/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com