Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM49251TL/NOPB Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM49251TL/NOPB
Description  Stereo Audio Subsystem with Class G Headphone Amplifier and Class D Speaker Amplifier with Speaker Protection
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM49251TL/NOPB Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM49251TL/NOPB Datasheet HTML 17Page - Texas Instruments LM49251TL/NOPB Datasheet HTML 18Page - Texas Instruments LM49251TL/NOPB Datasheet HTML 19Page - Texas Instruments LM49251TL/NOPB Datasheet HTML 20Page - Texas Instruments LM49251TL/NOPB Datasheet HTML 21Page - Texas Instruments LM49251TL/NOPB Datasheet HTML 22Page - Texas Instruments LM49251TL/NOPB Datasheet HTML 23Page - Texas Instruments LM49251TL/NOPB Datasheet HTML 24Page - Texas Instruments LM49251TL/NOPB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
LM49251
www.ti.com
SNAS498A – FEBRUARY 2011 – REVISED APRIL 2013
Table 6. Voltage Limit Control Register
BIT
NAME
VALUE
DESCRIPTION
B4
B3
Sets Attack Time based on CSET and RSET
0
0
tATK
ATK1
B4:B3
0
1
1.3 x tATK
ATK2
1
0
2 x tATK
1
1
2.7 x tATK
B2
B1
B0
Sets output power limit level
0
0
0
Voltage Limit disabled
0
0
1
VTH(VLIM) = 3.9VP-P
0
1
0
VTH(VLIM)) = 4.7VP-P
PLEV2
B2:B0
PLEV1
0
1
1
VTH(VLIM)= 5.4VP-P
PLEV0
1
0
0
VTH(VLIM) = 6.2VP-P
1
0
1
VTH(VLIM) = 7.0VP-P
1
1
0
VTH(VLIM) = 7.8VP-P
1
1
1
Voltage Limit disabled
Table 7. No Clip Control Register
BIT
NAME
VALUE
DESCRIPTION
B2
B1
B0
This sets the output clip limit level
0
0
0
NO_CLIP = disabled, OUTPUT_CLIP = disabled
0
0
1
Test Mode
0
1
0
NO_CLIP = enabled, OUTPUT_CLIP = disabled
OCP2
B2:B0
OCP1
0
1
1
low
OCP0
1
0
0
medium
1
0
1
medium high
1
1
0
high
1
1
1
maximum
This sets the release time of the automatic limiter
B1
B0
control circuit.
0
0
1s
RLT1
B4:B3
RTL0
0
1
0.8s
1
0
0.65s
1
1
0.4s
Table 8. Gain Control Register
BIT
NAME
VALUE
DESCRIPTION
0
6dB Loudspeaker gain
B4
LSGAINL
1
12dB Loudspeaker gain
0
6dB Loudspeaker gain
B3
LSGAINR
1
12dB Loudspeaker gain
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM49251



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com