Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM49251TL/NOPB Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # LM49251TL/NOPB
Description  Stereo Audio Subsystem with Class G Headphone Amplifier and Class D Speaker Amplifier with Speaker Protection
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM49251TL/NOPB Datasheet(HTML) 28 Page - Texas Instruments

Back Button LM49251TL/NOPB Datasheet HTML 24Page - Texas Instruments LM49251TL/NOPB Datasheet HTML 25Page - Texas Instruments LM49251TL/NOPB Datasheet HTML 26Page - Texas Instruments LM49251TL/NOPB Datasheet HTML 27Page - Texas Instruments LM49251TL/NOPB Datasheet HTML 28Page - Texas Instruments LM49251TL/NOPB Datasheet HTML 29Page - Texas Instruments LM49251TL/NOPB Datasheet HTML 30Page - Texas Instruments LM49251TL/NOPB Datasheet HTML 31Page - Texas Instruments LM49251TL/NOPB Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 41 page
background image
0
1
3
4
7
0
0.2
0.4
0.6
1.0
INPUT VOLTAGE (VPP)
2
5
0.8
6
Voltage Limiter off
4VPP
4.8VPP
5.6VPP
ALC max attenuation
VIN > VDD
1
4
8
1m
10m
100m
1
INPUT VOLTAGE (VPP)
6
0.01
0.1
1.0
10
No Clip
Enabled
No Clip
Disabled
2
LM49251
SNAS498A – FEBRUARY 2011 – REVISED APRIL 2013
www.ti.com
Figure 58. Voltage Limiter Function
Figure 59. No Clip Function
VDD = 3.3V, RL = 15μH+8Ω+15μH
VDD = 3.3V, RL = 15μH+8Ω+15μH
fIN = 1kHz, LS_GAIN = 0
fIN = 1kHz, LS_GAIN = 0
Blue, Green = Output Power vs Input Voltage
Gray, Yellow = THD+N vs Input Voltage
When No Clip is enabled, class D speaker output reduces when it’s about to enter clipping region and power stay
constant as long as VIN is less than VDD for 0 dB volume gain (see Figure 58). For example, in the case of VDD =
3.3V, there is a 6 dB of headroom for the change in input. Please see the ALC typical performance curves for
additional plots relating to different supply voltages and LS_GAIN settings for specific application parameters.
ATTACK TIME
Attack time (tATK) is the time it takes for the gain to be reduced by 6dB (LS_GAIN=0) once the audio signal
exceeds the ALC threshold. Fast attack times allow the ALC to react quickly and prevent transients such as
symbol crashes from being distorted. However, fast attack times can lead to volume pumping, where the gain
reduction and release becomes noticeable, as the ALC cycles quickly. Slower attack times cause the ALC to
ignore the fast transients, and instead act upon longer, louder passages. Selecting an attack time that is too slow
can lead to increased distortion in the case of the No Clip function, and possible output overload conditions in the
case of the Voltage limiter. The attack time is set by a combination of the value of CSET and the attack time
coefficient as given by Equation 2:
tATK = 20kΩCSET / αATK(s)
(2)
Where
αATK is the attack time coefficient (Table 14) set by bits B4:B3 in the Voltage Limit Control Register (see
Table 6). The attack time coefficient allows the user to set a nominal attack time. The internal 20k
Ω resistor is
subject to temperature change, and it has tolerance between -11% to +20%.
Table 14. Attack Time Coefficient
B4
B3
αATK
0
0
2.667
0
1
2
1
0
1.333
1
1
1
RELEASE TIME
Release time (tRL) is the time it takes for the gain to return from 6dB (LS_GAIN=0) to its normal level once the
audio signal returns below the ALC threshold. A fast release time allows the ALC to react quickly to transients,
preserving the original dynamics of the audio source. However, similar to a fast attack time, a fast release time
contributes to volume pumping. A slow release time reduces the effect of volume pumping. The release time is
set by a combination of the value of CSET and release time coefficient as given by Equation 3:
tRL = 20MΩCSET / αRL(s)
(3)
where
αRL is the release time coefficient (Table 15) set by bits B4:B3 in the No Clip Control Register. The release
time coefficient allows the user to set a nominal release time. The internal 20M
Ω is subject to temperature
change, and it has tolerance between -11% to +20%.
28
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LM49251



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com