Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM49321RL/NOPB Datasheet(PDF) 30 Page - Texas Instruments

Part # LM49321RL/NOPB
Description  Audio Sub-System with Stereo DAC, Mono Class AB Loudspeaker Amplifier, OCL/SE Stereo Headphone Output and RF Suppression
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM49321RL/NOPB Datasheet(HTML) 30 Page - Texas Instruments

Back Button LM49321RL/NOPB Datasheet HTML 26Page - Texas Instruments LM49321RL/NOPB Datasheet HTML 27Page - Texas Instruments LM49321RL/NOPB Datasheet HTML 28Page - Texas Instruments LM49321RL/NOPB Datasheet HTML 29Page - Texas Instruments LM49321RL/NOPB Datasheet HTML 30Page - Texas Instruments LM49321RL/NOPB Datasheet HTML 31Page - Texas Instruments LM49321RL/NOPB Datasheet HTML 32Page - Texas Instruments LM49321RL/NOPB Datasheet HTML 33Page - Texas Instruments LM49321RL/NOPB Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 45 page
background image
20
100
1k
10k
100k
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
FREQUENCY (Hz)
20
100
1k
10k
100k
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
FREQUENCY (Hz)
20
100
1k
10k
100k
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
FREQUENCY (Hz)
20
100
1k
10k
100k
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
FREQUENCY (Hz)
1m
10m
100m
1
0.001
0.01
0.1
1
10
I2S INPUT LEVEL (FFS)
1m
10m
100m
1
0.001
0.01
0.1
1
10
I2S INPUT LEVEL (FFS)
LM49321, LM49321RLEVAL
SNAS457C – SEPTEMBER 2008 – REVISED MAY 2013
www.ti.com
Typical Performance Characteristics (continued)
THD+N vs I2S Level HP Out
THD+N vs I2S Level LS Out
Figure 26.
Figure 27.
PSRR vs Frequency
PSRR vs Frequency
AVDD = 3.0V, EP Out Mode 1
AVDD = 3.0V, EP Out Mode 4
Figure 28.
Figure 29.
PSRR vs Frequency
PSRR vs Frequency
AVDD = 3.0V, HP Out Mode 2
AVDD = 3.0V, HP Out Mode 4
Figure 30.
Figure 31.
30
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM49321 LM49321RLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com