Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM49321RL/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Part # LM49321RL/NOPB
Description  Audio Sub-System with Stereo DAC, Mono Class AB Loudspeaker Amplifier, OCL/SE Stereo Headphone Output and RF Suppression
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM49321RL/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM49321RL/NOPB Datasheet HTML 1Page - Texas Instruments LM49321RL/NOPB Datasheet HTML 2Page - Texas Instruments LM49321RL/NOPB Datasheet HTML 3Page - Texas Instruments LM49321RL/NOPB Datasheet HTML 4Page - Texas Instruments LM49321RL/NOPB Datasheet HTML 5Page - Texas Instruments LM49321RL/NOPB Datasheet HTML 6Page - Texas Instruments LM49321RL/NOPB Datasheet HTML 7Page - Texas Instruments LM49321RL/NOPB Datasheet HTML 8Page - Texas Instruments LM49321RL/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
LM49321, LM49321RLEVAL
www.ti.com
SNAS457C – SEPTEMBER 2008 – REVISED MAY 2013
LM49321
Audio Sub-System with Stereo DAC, Mono Class
AB Loudspeaker Amplifier, OCL/SE Stereo Headphone Output and RF Suppression
Check for Samples: LM49321, LM49321RLEVAL
1
FEATURES
DESCRIPTION
The LM49321 is an integrated audio sub-system
2
•
8-Bit Stereo DAC with up to 192kHz Sampling
designed for mono voice, stereo music cell phones
Rate
connecting to base band processors with mono
•
Multiple Distinct Output Modes
differential analog voice paths. Operating on a 3.3V
•
Mono Class AB Speaker Amplifier
supply,
it
combines
a
mono
speaker
amplifier
delivering
520mW
into
an
8
Ω
load,
a
stereo
•
Stereo OCL/SE Headphone Amplifier
headphone amplifier delivering 36mW per channel
•
Mono Earpiece Amplifier
into a 32
Ω load, and a mono earpiece amplifier
•
Differential Mono Analog Input
delivering 55mW into a 32
Ω load. The headphone
amplifier can be configured for output capacitor-less
•
Single-Ended Analog Inputs
(OCL) or single-ended (SE) mode. It integrates the
•
Independent Loudspeaker, Headphone and
audio amplifiers, volume control, mixer, and power
Mono Earpiece Volume controls
management control all into a single package. In
•
I2C/SPI (Selectable) Compatible Interface
addition, the LM49321 routes and mixes the single-
ended stereo and differential mono inputs into
•
Ultra Low Shutdown Current
multiple distinct output modes. The LM49321 features
•
Click and Pop Suppression Circuit
an I2S serial interface for full range audio and an I2C
or SPI compatible interface for control. The full range
APPLICATIONS
music path features an SNR of 85dB with up to
192kHz playback.
•
Cell Phones
•
PDAs
Boomer
audio
power
amplifiers
are
designed
specifically to provide high quality output power with a
•
Laptop Computers
minimal amount of external components.
•
Portable Devices
KEY SPECIFICATIONS
•
POUT LS, 8Ω, 3.3V, 1% THD+N: 520 mW (Typ)
•
POUT HP, 32Ω, 3.3V, 1% THD+N: 36 mW (Typ)
•
POUT Mono Earpiece, 32Ω, 1% THD+N: 55 mW
(Typ)
•
Shutdown Current: 0.6 µA (Typ)
•
SNR (DAC + Amplifier): 85 dB (Typ)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM49321RL/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM49321RL NSC-LM49321RL Datasheet
1Mb / 42P
Audio Sub-System with Stereo DAC, Mono Class AB Loudspeaker Amplifier, OCL/SE Stereo Headphone Output and RF Suppression
More results

Similar Description - LM49321RL/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4934 NSC-LM4934 Datasheet
1Mb / 39P
3D Audio Sub-System with Stereo Speaker, OCL/SE Stereo Headphone, Earpiece and Mono Line Level Outputs
LM4947 NSC-LM4947 Datasheet
1Mb / 32P
Mono Class D and Stereo Audio Subsystem with OCL Headphone Amplifier and National 3D
LM4949 NSC-LM4949 Datasheet
1Mb / 40P
Stereo Class D Audio Subsystem with OCL Headphone Amplifier
LM4934 NSC-LM4934_06 Datasheet
1Mb / 39P
3D Audio Sub-System with Stereo Speaker, OCL/SE Stereo Headphone, Earpiece and Mono Line Level Outputs
LM49120 NSC-LM49120 Datasheet
721Kb / 28P
Audio Sub-System with Mono Class AB Loudspeaker Amplifier and Stereo OCL/SE Headphone Amplifier
LM49321 NSC-LM49321 Datasheet
1Mb / 42P
Audio Sub-System with Stereo DAC, Mono Class AB Loudspeaker Amplifier, OCL/SE Stereo Headphone Output and RF Suppression
logo
Texas Instruments
LM4947 TI1-LM4947_14 Datasheet
1Mb / 37P
Mono Class D and Stereo Audio Sub-System with OCL Headphone Amplifier and National 3D
LM49321 TI-LM49321_15 Datasheet
1,022Kb / 45P
LM49321 Audio Sub-System with Stereo DAC, Mono Class AB Loudspeaker Amplifier, OCL/SE Stereo Headphone Output and RF Suppression
LM4937 TI1-LM4937 Datasheet
1Mb / 41P
Audio Sub-System with OCL Stereo Headphone Output and RF Suppression
LM49120 TI1-LM49120 Datasheet
1Mb / 29P
Audio Sub-System with Mono Class AB Loudspeaker Amplifier and Stereo OCL/SE Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com