| Electronic Components Datasheet Search |
|
PCM1748E/2K Datasheet(PDF) 15 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
PCM1748E/2K Datasheet(HTML) 15 Page - Texas Instruments |
|
15 / 38 page ![]() www.ti.com SERIAL CONTROL INTERFACE REGISTER WRITE OPERATION IDX 5 ID X 6 0 IDX 4 ID X 2 ID X3 ID X 1 ID X0 D 7 D 6 D 5 D4 D 3 D 2 D1 D 0 MSB Register Index (or Address) Register Data LSB 0 D7 D6 D5 D4 D3 D2 0 IDX 6 D1 D0 X X X ID X6 IDX 5 ID X 4 ID X3 ID X 2 ID X1 ID X0 ML MC MD PCM1748 SBAS165B – MAY 2001 – REVISED APRIL 2005 The serial control interface is a 3-wire serial port that operates asynchronously to the serial audio interface. The serial control interface is used to program the on-chip mode registers. The control interface includes MD (pin 13), MC (pin 14), and ML (pin 15). MD is the serial data input, used to program the mode registers; MC is the serial bit clock, used to shift data into the control port; and ML is the control port latch clock. All write operations for the serial control port use 16-bit data words. Figure 23 shows the control data word format. The most significant bit must be a 0. Seven bits, labeled IDX[6:0], set the register index (or address) for the write operation. The least significant eight bits, D[7:0], contain the data to be written to the register specified by IDX[6:0]. Figure 24 shows the functional timing diagram for writing to the serial control port. ML is held at a logic-1 state until a register is to be written. To start the register write cycle, ML is set to logic-0. Sixteen clocks are then provided on MC, corresponding to the 16 bits of the control data word on MD. After the sixteenth clock cycle has completed, ML is set to logic-1 to latch the data into the indexed mode control register. Figure 23. Control Data Word Format for MD Figure 24. Register Write Operation 15 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |