Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCM1748E/2K Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1748E/2K
Description  Audio Digital-to-Analog Converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1748E/2K Datasheet(HTML) 17 Page - Texas Instruments

Back Button PCM1748E/2K Datasheet HTML 13Page - Texas Instruments PCM1748E/2K Datasheet HTML 14Page - Texas Instruments PCM1748E/2K Datasheet HTML 15Page - Texas Instruments PCM1748E/2K Datasheet HTML 16Page - Texas Instruments PCM1748E/2K Datasheet HTML 17Page - Texas Instruments PCM1748E/2K Datasheet HTML 18Page - Texas Instruments PCM1748E/2K Datasheet HTML 19Page - Texas Instruments PCM1748E/2K Datasheet HTML 20Page - Texas Instruments PCM1748E/2K Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
www.ti.com
Register Map
REGISTER DEFINITIONS
ATx[7:0] – Digital Attenuation Level Setting
PCM1748
SBAS165B – MAY 2001 – REVISED APRIL 2005
The mode control register map is shown in Table 3. Each register includes an index (or address) indicated by the
IDX[6:0] bits.
Table 3. Mode Control Register Map
IDX
REGIS-
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
(B14–B8)
TER
10h
16
0
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
AT17
AT16
AT15
AT14
AT13
AT12
AT11
AT10
11h
17
0
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
AT27
AT26
AT25
AT24
AT23
AT22
AT21
AT20
12h
18
0
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
RSV(1)
OVER
RSV(1)
RSV(1)
RSV(1)
RSV(1)
MUT2
MUT1
13h
19
0
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
RSV(1)
DMF1
DMF0
DM12
RSV(1)
RSV(1)
DAC2
DAC1
14h
20
0
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
RSV(1)
RSV(1)
FLT
RSV(1)
RSV(1)
FMT2
FMT1
FMT0
15h
21
0
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
RSV(1)
RSV(1)
RSV(1)
RSV(1)
RSV(1)
RSV(1)
RSV(1)
RSV(1)
16h
22
0
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
RSV(1)
RSV(1)
RSV(1)
RSV(1)
RSV(1)
AZRO
ZREV
DREV
(1)
Reserved for test operation. It should be set to 0 during normal operation.
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
REGISTER 16
0
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
AT17
AT16
AT15
AT14
AT13
AT12
AT11
AT10
REGISTER 17
0
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
AT27
AT26
AT25
AT24
AT23
AT22
AT21
AT20
where x = 1 or 2, corresponding to the DAC output VOUTL (x = 1) and VOUTR (x = 2).
Default value: 1111 1111b
Each DAC channel (VOUTL and VOUTR) includes a digital attenuator function. The attenuation level can be set
from 0 dB to –63 dB in 0.5-dB steps. Changes in attenuation levels are made by incrementing or decrementing,
by one step (0.5 dB), for every 8/fS time interval until the programmed attenuator setting is reached. Alternatively,
the attenuation level can be set to infinite attenuation, or mute. The attenuation data for each channel can be set
individually.
The attenuation level is calculated using the following formula:
Attenuation level (dB) = 0.5 (ATx[7:0]DEC – 255)
where ATx[7:0]DEC = 0 through 255.
For ATx[7:0]DEC = 0 through 128, the attenuator is set to infinite attenuation.
The following table shows attenuator levels for various settings.
ATx[7:0]
DECIMAL VALUE
ATTENUATOR LEVEL SETTING
1111 1111b
255
0 dB, no attenuation (default)
1111 1110b
254
–0.5 dB
1111 1101b
253
–1 dB
:
:
:
1000 0011b
131
–62 dB
1000 0010b
130
–62.5 dB
1000 0001b
129
–63 dB
1000 0000b
128
Mute
:
:
:
0000 0000b
0
Mute
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com