Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STV9302A Datasheet(PDF) 7 Page - STMicroelectronics

Part # STV9302A
Description  VERTICAL DEFLECTION OUTPUT FOR MONITOR / TV 2 App / 60 V WITH FLYBACK GENERATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9302A Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STV9302A Datasheet HTML 3Page - STMicroelectronics STV9302A Datasheet HTML 4Page - STMicroelectronics STV9302A Datasheet HTML 5Page - STMicroelectronics STV9302A Datasheet HTML 6Page - STMicroelectronics STV9302A Datasheet HTML 7Page - STMicroelectronics STV9302A Datasheet HTML 8Page - STMicroelectronics STV9302A Datasheet HTML 9Page - STMicroelectronics STV9302A Datasheet HTML 10Page - STMicroelectronics STV9302A Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7/15
STV9302A
Application Hints
4.2
AC-Coupled Applications
In AC-coupled applications (See Figure 6), only one supply (VS) is needed. The vertical position of
the scanning cannot be adjusted with input bias (for that purpose, usually some current is injected
or sunk with a resistor in the low side of the yoke).
4.2.1
Application Hints
Gain is defined as in the previous case:
Choose R1 then either R2 or R3. For good output centering, V7 must fulfill the following equation:
or
Figure 6: AC-coupled Application
R3
+Vs
R2
R1
Rd(*)
Yoke
Ly
(*)
recommended:
Ly
50
µs
-------------
Rd
Ly
20
µs
-------------
<
<
0.1µF
CF (47 to 100µF)
Power
Amplifier
Flyback
Generator
Thermal
Safety
470µF
Output
Current
Output
Voltage
Ip
7
32
5
6
1
4
VM
Vm
+
-
Cs
R4
CL
R5
1.5
Ω
I
p
V
M
V
m
–
2
------------------------
R
2
R
1
R
3
×
----------------------
×
=
V
S
2
--------V
7
–
R
4
R
5
+
----------------------
V
7
V
M
V
m
+
2
------------------------
–
R
3
--------------------------------------
V
7
R
2
-------
+
=
V
7
1
R
3
-------
ÿ
1
R
2
-------
+
×
1
R
4
R
5
+
----------------------þ
V
S
2R
4
R
5
+
()
------------------------------
V
M
V
m
+
2R
3
×
------------------------
+
ÿþ
=
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com