Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STV9302A Datasheet(PDF) 5 Page - STMicroelectronics

Part # STV9302A
Description  VERTICAL DEFLECTION OUTPUT FOR MONITOR / TV 2 App / 60 V WITH FLYBACK GENERATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9302A Datasheet(HTML) 5 Page - STMicroelectronics

  STV9302A Datasheet HTML 1Page - STMicroelectronics STV9302A Datasheet HTML 2Page - STMicroelectronics STV9302A Datasheet HTML 3Page - STMicroelectronics STV9302A Datasheet HTML 4Page - STMicroelectronics STV9302A Datasheet HTML 5Page - STMicroelectronics STV9302A Datasheet HTML 6Page - STMicroelectronics STV9302A Datasheet HTML 7Page - STMicroelectronics STV9302A Datasheet HTML 8Page - STMicroelectronics STV9302A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5/15
STV9302A
Application Hints
4
Application Hints
The yoke can be coupled either in AC or DC.
4.1
DC-coupled Application
When DC coupled (see Figure 4), the display vertical position can be adjusted with input bias. On
the other hand, 2 supply sources (VS and -VEE) are required.
A Stand-by state will be reached by switching OFF the positive supply alone. In this state, where
both inputs are the same voltage as pin 2 or higher, the output will sink negligible current from the
deviation coil.
4.1.1
Application Hints
For calculations, treat the IC as an op-amp, where the feedback loop maintains V1 = V7.
Figure 4: DC-coupled Application
R3
+Vs
R2
R1
Rd(*)
Yoke
Ly
Vertical Position
Adjustment
-VEE
Vref
(*) recommended:
Ly
50
µs
-------------
Rd
Ly
20
µs
-------------
<
<
0.1µF
0.1µF
CF (47 to 100µF)
Power
Amplifier
Flyback
Generator
Thermal
Safety
470µF
470µF
Output
Current
Output
Voltage
Ip
7
32
5
6
1
4
VM
Vm
+
-
1.5
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com