Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM9076 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM9076
Description  150mA Ultra-Low Quiescent Current LDO Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM9076 Datasheet(HTML) 5 Page - Texas Instruments

  LM9076 Datasheet HTML 1Page - Texas Instruments LM9076 Datasheet HTML 2Page - Texas Instruments LM9076 Datasheet HTML 3Page - Texas Instruments LM9076 Datasheet HTML 4Page - Texas Instruments LM9076 Datasheet HTML 5Page - Texas Instruments LM9076 Datasheet HTML 6Page - Texas Instruments LM9076 Datasheet HTML 7Page - Texas Instruments LM9076 Datasheet HTML 8Page - Texas Instruments LM9076 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LM9076
www.ti.com
SNVS260L – NOVEMEBER 2003 – REVISED MARCH 2013
Electrical Characteristics for LM9076–5.0 (continued)
The following specifications apply for VIN= 14V; VSHUTDOWN = Open; ILOAD = 10 mA; TJ = +25°C; COUT = 10 µF, 0.5Ω < ESR <
4.0
Ω; unless otherwise specified. Bold Values indicate −40°C ≤ TJ ≤ 125°C.
(1)(2)(3) Minimum and Maximum limits are
specified through test, design, or statistical correlation.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VOUT Short Circuit
VIN = 14V,
ISC
200
400
750
mA
Current
RLOAD = 1Ω
VIN = (14VDC) + (1VRMS
PSRR
Ripple Rejection
@ 120Hz)
50
60
dB
ILOAD = 50 mA
RESET PIN CHARACTERISTICS
Minimum VIN for valid
VOR
(Note 3)
1.3
2.0
V
RESET Status
VOUT Threshold for
X VOUT
VTHR
(Note 3)
0.83
0.89
0.94
RESET Low
(Nom)
External pull-up resistor
VOH
RESET pin high voltage
VOUT X 0.90
VOUT X 0.99
VOUT
V
to VOUT = 100 kΩ
CDELAY < 4.0V,
VOL
RESET pin low voltage
0.2
0.3
V
ISINK = 250 µA
CDELAY PIN CHARACTERISTICS
CDELAY Charging
VIN = 14V,
IDELAY
-0.70
-0.42
-0.25
uA
Current
VDELAY = 0V
VOUT < 4.0V,
VOL
CDELAY pin low voltage
0.100
V
ISINK = IDELAY
VIN = 14V, CDELAY =
0.001 uF
tDELAY
Reset Delay Time
VOUT rising from 0V, Δt
7.1
11.9
20.0
ms
from VOUT > VOR to
RESET pin HIGH
SHUTDOWN CONTROL LOGIC — LM9076BMA-5.0 Only
VSHUTDOWN pin falling
SHUTDOWN Pin Low
VIL(SD)
from 5.0V until VOUT
1
1.5
V
Threshold Voltage
>4.5V (VOUT = On)
VSHUTDOWN pin rising
SHUTDOWN Pin High
VIH(SD)
from 0V until VOUT <
1.5
2
V
Threshold Voltage
0.5V (VOUT = Off)
VSHUTDOWN = 40V
35
μA
SHUTDOWN Pin High
IIH(SD)
VSHUTDOWN = 5V
15
35
μA
Bias Current
VSHUTDOWN = 2V
6
10
μA
SHUTDOWN Pin Low
IIL(SD)
VSHUTDOWN = 0V
0
μA
Bias Current
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM9076



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com