Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM96063CISDX/NOPB Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM96063CISDX/NOPB
Description  Remote Diode Digital Temperature Sensor with Integrated Fan Control
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM96063CISDX/NOPB Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM96063CISDX/NOPB Datasheet HTML 17Page - Texas Instruments LM96063CISDX/NOPB Datasheet HTML 18Page - Texas Instruments LM96063CISDX/NOPB Datasheet HTML 19Page - Texas Instruments LM96063CISDX/NOPB Datasheet HTML 20Page - Texas Instruments LM96063CISDX/NOPB Datasheet HTML 21Page - Texas Instruments LM96063CISDX/NOPB Datasheet HTML 22Page - Texas Instruments LM96063CISDX/NOPB Datasheet HTML 23Page - Texas Instruments LM96063CISDX/NOPB Datasheet HTML 24Page - Texas Instruments LM96063CISDX/NOPB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
LM96063
www.ti.com
SNIS149B – NOVEMBER 2011 – REVISED MARCH 2013
Fan Control Registers
Address
Read/
POR
Bits
Name
Description
Hex
Write
Value
45HEX ENHANCED CONFIGURATION
R
7
0
[Reserved]
This bit is unused and always read as 0.
Signed Temperature Filter Bits Enable
0: external signed temperature LSbs [4:3] will always read "0" (backwards
R/W
6
0
STFBE
compatible with the LM63)
1: when the digital filter is enabled the external signed temperature LSbs [4:3]
(1/16 and 1/32 resolution) are enabled
Lookup Table Resolution Extension
0: LUT temperature resolution 7-bits (LSb = 1°C, backwards compatible with the
R/W
5
0
LRES
LM63)
1: enable 8-bit LUT temperature resolution (LSb extended to 0.5°C)
22.5kHz PWM High Resolution Control (only effective when PWM frequency set to
22.5kHz)
R/W
4
0
PHR
0: PWM resolution 6.25% (backwards compatible with the LM63)
1: enable high resolution (0.39%)
Unsigned High and T_CRIT Setpoint Format
0: enable signed format for High and T_CRIT setpoints (11-bit is -128.000°C to
R/W
3
0
USF
127.875°C or 8-bit is -128°C to 127°C)
1: enable unsigned format for High and T_CRIT setpoints (11-bit is 0°C to
255.875°C or 8-bit is 0°C to 255°C)
45
PWM Smoothing Ramp Rate Setting (these bits can modified only when PWM
Programming is enabled, 0x4A[5]=1)
00: 0.023 s per step (5.45 seconds for 0 to 100% duty cycle transition with 0.39%
resolution)
01: 0.046 s per step (10.9 seconds for 0 to 100% duty cycle transition with 0.39%
resolution)
R/W
2:1
00
RRS1:RRS0
10: 0.91 s per step (21.6 seconds for 0 to 100% duty cycle transition with 0.39%
resolution)
11: 0.182 s per step (43.7 seconds for 0 to 100% duty cycle transition with 0.39%
resolution)
Note: PWM smoothing is disabled for PWM spinup and for duty cycle setting
override caused by a TCRIT event, thus it is only enabled during LUT transitions.
PWM smoothing is only effective when PWM frequency is set to 22.5kHz.
PWM Smoothing Ramp Rate Control (this bit can modified only when the PWM
Programming is enabled, 0x4A[5]=1)
0: PWM smoothing disabled (LM63 backwards compatible)
R/W
0
0
PSRR
1: enable ramp rate control (as controlled by 0x45[2:1])
Note: PWM smoothing is disabled for PWM spinup and for duty cycle setting
override caused by a TCRIT event, thus it is only enabled during LUT transitions.
PWM smoothing is only effective when PWM frequency is set to 22.5kHz
4AHEX FAN PWM AND TACHOMETER CONFIGURATION REGISTER
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM96063



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com