Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM96063CISDX/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM96063CISDX/NOPB
Description  Remote Diode Digital Temperature Sensor with Integrated Fan Control
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM96063CISDX/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM96063CISDX/NOPB Datasheet HTML 9Page - Texas Instruments LM96063CISDX/NOPB Datasheet HTML 10Page - Texas Instruments LM96063CISDX/NOPB Datasheet HTML 11Page - Texas Instruments LM96063CISDX/NOPB Datasheet HTML 12Page - Texas Instruments LM96063CISDX/NOPB Datasheet HTML 13Page - Texas Instruments LM96063CISDX/NOPB Datasheet HTML 14Page - Texas Instruments LM96063CISDX/NOPB Datasheet HTML 15Page - Texas Instruments LM96063CISDX/NOPB Datasheet HTML 16Page - Texas Instruments LM96063CISDX/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
LM96063
www.ti.com
SNIS149B – NOVEMBER 2011 – REVISED MARCH 2013
Table 2. 11-bit, 2's complement (10-bit plus sign)
Digital Data
Temperature
Binary
Hex
+125°C
0111 1101 0000 0000
7D00h
+25°C
0001 1001 0000 0000
1900h
+1°C
0000 0001 0000 0000
0100h
+0.125°C
0000 0000 0010 0000
0020h
0°C
0000 0000 0000 0000
0000h
−0.125°C
1111 1111 1110 0000
FFE0h
−1°C
1111 1111 0000 0000
FF00h
−25°C
1110 0111 0000 0000
E700h
−55°C
1100 1001 0000 0000
C900h
Table 3. 11-bit, unsigned binary
Digital Data
Temperature
Binary
Hex
+255.875°C
1111 1111 1110 0000
FFE0h
+255°C
1111 1111 0000 0000
FF00h
+201°C
1100 1001 0000 0000
C900h
+125°C
0111 1101 0000 0000
7D00h
+25°C
0001 1001 0000 0000
1900h
+1°C
0000 0001 0000 0000
0100h
+0.125°C
0000 0000 0010 0000
0020h
0°C
0000 0000 0000 0000
0000h
When the digital filter is enabled on the remote channel, temperature data is represented by a 13-bit unsigned
binary or 12-bit plus sign (two's complement) word with an LSb equal to 0.03125°C.
Table 4. 13-bit, 2's complement (12-bit plus sign)
Digital Data
Temperature
Binary
Hex
+125°C
0111 1101 0000 0000
7D00h
+25°C
0001 1001 0000 0000
1900h
+1°C
0000 0001 0000 0000
0100h
+0.03125°C
0000 0000 0000 1000
0008h
0°C
0000 0000 0000 0000
0000h
−0.03125°C
1111 1111 1111 1000
FFF8h
−1°C
1111 1111 0000 0000
FF00h
−25°C
1110 0111 0000 0000
E700h
−55°C
1100 1001 0000 0000
C900h
Table 5. 13-bit, unsigned binary
Digital Data
Temperature
Binary
Hex
+255.875°C
1111 1111 1110 0000
FFE0h
+255°C
1111 1111 0000 0000
FF00h
+201°C
1100 1001 0000 0000
C900h
+125°C
0111 1101 0000 0000
7D00h
+25°C
0001 1001 0000 0000
1900h
+1°C
0000 0001 0000 0000
0100h
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM96063



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com