Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM6588MA/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM6588MA/NOPB
Description  LM6588 TFT-LCD Quad, 16V RRIO High Output Current Operational Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM6588MA/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM6588MA/NOPB Datasheet HTML 1Page - Texas Instruments LM6588MA/NOPB Datasheet HTML 2Page - Texas Instruments LM6588MA/NOPB Datasheet HTML 3Page - Texas Instruments LM6588MA/NOPB Datasheet HTML 4Page - Texas Instruments LM6588MA/NOPB Datasheet HTML 5Page - Texas Instruments LM6588MA/NOPB Datasheet HTML 6Page - Texas Instruments LM6588MA/NOPB Datasheet HTML 7Page - Texas Instruments LM6588MA/NOPB Datasheet HTML 8Page - Texas Instruments LM6588MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
+
-
MEASURE
CURRENT
10nF
10nF
10nF
10nF
MEASURE
VOLTAGE
±2.5V
SQUARE WAVE
10:
10:
10:
10:
+2.5V
-2.5V
8V
-8V
300:
3k:
LM6588
www.ti.com
SNOSA77D – MAY 2003 – REVISED MARCH 2013
LM6588 TFT-LCD Quad, 16V RRIO High Output Current Operational Amplifier
Check for Samples: LM6588
1
FEATURES
DESCRIPTION
The LM6588 is a low power, high voltage, rail-to-rail
23
•
(VS = 5V, TA = 25°C Typical Values Unless
input-output amplifier ideally suited for LCD panel
Specified)
VCOM driver and gamma buffer applications. The
•
Input Common Mode Voltage 0.5V Beyond
LM6588 contains four unity gain stable amplifiers in
Rails
one package. It provides a common mode input
ability of 0.5V beyond the supply rails, as well as an
•
Output Voltage Swing (RL = 2kΩ) 50mV from
output voltage range that extends to within 50mV of
Rails
either supply rail. With these capabilities, the LM6588
•
Output Short Circuit Current ±200mA
provides maximum dynamic range at any supply
•
Continuous Output Current 75mA
voltage. Operating on supplies ranging from 5V to
16V, while consuming only 750
μA per amplifier, the
•
Supply Current (Per Amp, No Load) 750
μA
LM6588 has a bandwidth of 24MHz (
−3dB).
•
Supply Voltage Range 5V to 16V
The LM6588 also features fast slewing and settling
•
Unity Gain Stable
times, along with a high continuous output capability
•
−3dB Bandwidth (AV = +1) 24MHz
of 75mA. This output stage is capable of delivering
•
Slew Rate 11V/
μSec
approximately 200mA peak currents in order to
charge or discharge capacitive loads. These features
•
Settling Time 270ns
are ideal for use in TFT-LCDs.
•
SOIC-14 and TSSOP-14 Package
The LM6588 is available in the industry standard 14-
•
Manufactured in TI’s State-of-the-art Bonded
pin SOIC package and in the space-saving 14-pin
Wafer, Trench Isolated Complementary Bipolar
TSSOP package. The amplifiers are specified for
VIP10™ Technology for High Performance at
operation over the full
−40°C to +85°C temperature
Low Power Levels
range.
APPLICATIONS
•
LCD Panel VCOM Driver
•
LCD Panel Gamma Buffer
•
LCD Panel Repair Amp
Test Circuit Diagram
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
VIP10 is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM6588MA/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM6588MA/NOPB TI2-LM6588MA/NOPB Datasheet
968Kb / 34P
LM6588 TFT-LCD Quad, 16V RRIO High Output Current Operational Amplifier
REVISED MARCH 2013
LM6588MA/NOPB.A TI2-LM6588MA/NOPB.A Datasheet
968Kb / 34P
LM6588 TFT-LCD Quad, 16V RRIO High Output Current Operational Amplifier
REVISED MARCH 2013
More results

Similar Description - LM6588MA/NOPB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS924 STMICROELECTRONICS-TS924 Datasheet
131Kb / 11P
RAIL TO RAIL HIGH OUTPUT CURRENT QUAD OPERATIONAL AMPLIFIER
Mar-1999
logo
National Semiconductor ...
LM6588 NSC-LM6588 Datasheet
603Kb / 16P
TFT-LCD Quad, 16V RRIO High Output Current Operational Amplifier
LMH6640 NSC-LMH6640 Datasheet
901Kb / 13P
TFT-LCD Single, 16V Rail-to-Rail High Output Operational Amplifier
LM6584 NSC-LM6584 Datasheet
976Kb / 16P
TFT-LCD Quad, 13V RRIO High Output Current
logo
Linear Technology
LT1943 LINER-LT1943 Datasheet
279Kb / 12P
High Current Quad Output Regulator for TFT LCD Panels
logo
STMicroelectronics
TS924 STMICROELECTRONICS-TS924_08 Datasheet
322Kb / 14P
Rail-to-rail high output current quad operational amplifier
11-Mar-2008
logo
Linear Technology
LT1943 LINER-LT1943_1 Datasheet
271Kb / 20P
High Current Quad Output Regulator for TFT LCD Panels
LT1943 LINER-LT1943_15 Datasheet
277Kb / 20P
High Current Quad Output Regulator for TFT LCD Panels
logo
Texas Instruments
LM6584 TI1-LM6584 Datasheet
1Mb / 28P
LM6584 TFT-LCD Quad, 13V RRIO High Output Current Operational Amplifier
LMH6640 TI1-LMH6640 Datasheet
1Mb / 22P
LMH6640 TFT-LCD Single, 16V Rail-to-Rail High Output Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com