Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM6588MA/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM6588MA/NOPB
Description  LM6588 TFT-LCD Quad, 16V RRIO High Output Current Operational Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM6588MA/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM6588MA/NOPB Datasheet HTML 6Page - Texas Instruments LM6588MA/NOPB Datasheet HTML 7Page - Texas Instruments LM6588MA/NOPB Datasheet HTML 8Page - Texas Instruments LM6588MA/NOPB Datasheet HTML 9Page - Texas Instruments LM6588MA/NOPB Datasheet HTML 10Page - Texas Instruments LM6588MA/NOPB Datasheet HTML 11Page - Texas Instruments LM6588MA/NOPB Datasheet HTML 12Page - Texas Instruments LM6588MA/NOPB Datasheet HTML 13Page - Texas Instruments LM6588MA/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
4
6
8
10
12
14
VSUPPLY (V)
2
2.5
3
3.5
4
85°C
25°C
-40°C
16
1
10
100
1000
0.01
0.1
1
10
ISOURCE (mA)
85°C
-40°C
25°C
1
10
100
1000
0.01
0.1
1
10
ISINK (mA)
85°C
-40°C
25°C
-7
-4
-2
0 1
4
7
-1
-0.75
-0.25
0
0.25
0.5
0.75
1
VOUT (V)
-0.5
-5
-3
-1
2
3
5 6
-6
85°C
-40°C
25°C
VS = 10V
-7
-3
-1
1
3
5
7
COMMON MODE VOLTAGE (V)
-1
-0.5
0
0.5
1
-5
-40°C
85°C
25°C
LM6588
SNOSA77D – MAY 2003 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (continued)
Unless otherwise specified, all limits ensured for TJ = 25°C, VCM = 1/2VS and RL = 2kΩ.
VOS
VOS
vs.
vs.
Common Mode Voltage (VS = 16V)
VOUT (Typical Unit), (VS = 10V)
Figure 20.
Figure 21.
VOUT from V
+
VOUT from V
−
vs.
vs.
ISOURCE
ISINK
Figure 22.
Figure 23.
ISUPPLY
vs.
Supply Voltage
Figure 24.
10
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LM6588



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com