Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM7372IMA/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM7372IMA/NOPB
Description  LM7372 High Speed, High Output Current, Dual Operational Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM7372IMA/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LM7372IMA/NOPB Datasheet HTML 1Page - Texas Instruments LM7372IMA/NOPB Datasheet HTML 2Page - Texas Instruments LM7372IMA/NOPB Datasheet HTML 3Page - Texas Instruments LM7372IMA/NOPB Datasheet HTML 4Page - Texas Instruments LM7372IMA/NOPB Datasheet HTML 5Page - Texas Instruments LM7372IMA/NOPB Datasheet HTML 6Page - Texas Instruments LM7372IMA/NOPB Datasheet HTML 7Page - Texas Instruments LM7372IMA/NOPB Datasheet HTML 8Page - Texas Instruments LM7372IMA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LM7372
SNOS926F – MAY 1999 – REVISED SEPTEMBER 2014
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
(1) (2) (3)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
MIN
MAX
UNIT
Suppy Voltage (V+
−V−)
36
V
Differential Input Voltage (VS = ±15V)
±10
V
Output Short Circuit to Ground(2)
Continuous
Infrared or Convection Reflow (20 sec.)
235
°C
Soldering Information
Wave Soldering Lead Temperature (10 sec.)
260
°C
Input Voltage
V− to V+
V
Maximum Junction Temperature(4)
150
°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For ensured specifications and the test
conditions, see the Electrical Characteristics.
(2)
Applies to both single-supply and split-supply operation. Continuous short circuit operation at elevated ambient temperature can result in
exceeding the maximum allowed junction temperature of 150°C.
(3)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(4)
The maximum power dissipation is a function of T(JMAX), RθJA, and TA. The maximum allowable power dissipation at any ambient
temperature is PD = (T(JMAX) – TA)/RθJA. All numbers apply for packages soldered directly into a PC board. The value for RθJA is
106°C/W for the 16-Pin SOIC package. With a total area of 4sq. in of 1oz CU connected to pins 1,6,8,9 & 16, RθJA for the 16-Pin SOIC
is decreased to 70°C/W. 8-Pin SO PowerPAD package RθJA is with 2 in
2 heatsink (top and bottom layer each) and 1 oz. copper (see
Table 2 and Application and Implementation )
6.2 Handling Ratings
MIN
MAX
UNIT
Tstg
Storage temperature range
−65
150
°C
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all
1500
pins(2)
V(ESD)
Electrostatic discharge(1)
V
Charged device model (CDM), per JEDEC specification
200
JESD22-C101, all pins(3)
(1)
For testing purposes, ESD was applied using human body model, 1.5k
Ω in series with 100pF. Machine model, 0Ω in series with 200pF.
(2)
JEDEC document JEP155 states that 1500-V HBM allows safe manufacturing with a standard ESD control process.
(3)
JEDEC document JEP157 states that 200-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
Supply Voltage
9
36
V
Operating Temperature Range
−40
85
°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For ensured specifications and the test
conditions, see the Electrical Characteristics.
6.4 Thermal Information
DDA
D
THERMAL METRIC(1)
UNIT
8 PINS(2)
16 PINS(2)
RθJA
Junction-to-ambient thermal resistance
106
47
°C/W
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
The maximum power dissipation is a function of T(JMAX), RθJA, and TA. The maximum allowable power dissipation at any ambient
temperature is PD = (T(JMAX) – TA)/RθJA. All numbers apply for packages soldered directly into a PC board. The value for RθJA is
106°C/W for the 16-Pin SOIC package. With a total area of 4sq. in of 1oz CU connected to pins 1,6,8,9 & 16, RθJA for the 16-Pin SOIC
is decreased to 70°C/W. 8-Pin SO PowerPAD package RθJA is with 2 in
2 heatsink (top and bottom layer each) and 1 oz. copper (see
Table 2 and Application and Implementation )
4
Submit Documentation Feedback
Copyright © 1999–2014, Texas Instruments Incorporated
Product Folder Links: LM7372



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com