Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM7372IMA/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM7372IMA/NOPB
Description  LM7372 High Speed, High Output Current, Dual Operational Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM7372IMA/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM7372IMA/NOPB Datasheet HTML 3Page - Texas Instruments LM7372IMA/NOPB Datasheet HTML 4Page - Texas Instruments LM7372IMA/NOPB Datasheet HTML 5Page - Texas Instruments LM7372IMA/NOPB Datasheet HTML 6Page - Texas Instruments LM7372IMA/NOPB Datasheet HTML 7Page - Texas Instruments LM7372IMA/NOPB Datasheet HTML 8Page - Texas Instruments LM7372IMA/NOPB Datasheet HTML 9Page - Texas Instruments LM7372IMA/NOPB Datasheet HTML 10Page - Texas Instruments LM7372IMA/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
LM7372
www.ti.com
SNOS926F – MAY 1999 – REVISED SEPTEMBER 2014
±5V DC Electrical Characteristics (continued)
Unless otherwise specified, all limits ensured for VCM = 0V and RL = 1kΩ. Boldface apply at the temperature extremes.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
VO
Output Swing
RL = 1kΩ
3.2
V
3.4
3.0
−3.2
V
−3.4
−3.0
IOUT = − 80mA
2.5
V
2.8
2.2
IOUT = 80mA
−2.5
V
−2.7
−2.2
ISC
Output Short Circuit Current
Sourcing
150
mA
Sinking
150
mA
IS
Supply Current (both Amps)
16
mA
12.4
18
6.8
±5V AC Electrical Characteristics
Unless otherwise specified, all limits ensured for VCM = 0V and RL = 1kΩ. Boldface apply at the temperature extremes.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
SR
Slew Rate(3)
AV = +2, VIN 3VP-P
700
V/µs
Unity Bandwidth Product
100
MHz
−3dB Frequency
AV = +2
125
MHz
φm
Phase Margin
70
deg
tS
Settling Time (0.1%)
AV = −1, VO = ±1V, RL = 500Ω
70
ns
tP
Propagation Delay
AV = +2, VIN = ±1V, RL = 500Ω
7
ns
AD
Differential Gain(4)
0.02%
φD
Differential Phase(4)
0.03
deg
hd2
Second Harmonic Distortion
VOUT = 2VP-P, RL = 100Ω
dBc
−84
FIN = 1MHz, AV = +2
hd3
Third Harmonic Distortion
VOUT = 2VP-P, RL = 100Ω
dBc
−94
FIN = 1MHz, AV = +2
en
Input-Referred Voltage Noise
f = 10kHz
14
nV/
√Hz
in
Input-Referred Current Noise
f = 10kHz
1.8
pA/
√Hz
(1)
All limits are specified by testing or statistical analysis.
(2)
Typical values represent the most likely parametic norm.
(3)
Slew Rate is the average of the rising and falling slew rates.
(4)
Differential gain and phase are measured with AV = +2, VIN = 1VPP at 3.58 MHz and output is 150Ω terminated.
Copyright © 1999–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM7372



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com